Electronic Components Datasheet Search
  English  ▼

X  

F75122RG Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F75122RG
Description  Dynamic VID Control 8 GPIO Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75122RG Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F75122RG Datasheet HTML 9Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 10Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 11Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 12Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 13Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 14Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 15Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 16Page - Feature Integration Technology Inc. F75122RG Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
- 11 -
July, 2007
V0.28P
1-0
PIN10_MODE
R/W
VSB3V
00: GPIO10
01: LED10 IN this mode can use REG 0x06(bit1,0) to select LED
frequency.
10,11: WD_OUT
7.6 LED Freq Control Register – Index 06h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-6
Reserved
R/W
VSB3V
5-4
LED12_FREQ
R/W
VSB3V
LED output frequency.
Bit
Description
00
Tri-state (default).
01
0.5Hz (period is 2 seconds, duty cycle is 50%)
10
1 Hz (period is 1 second)
11
Low.
3-2
LED11_FREQ
R/W
VSB3V
LED output frequency.
Bit
Description
00
Tri-state (default).
01
0.5Hz (period is 2 seconds, duty cycle is 50%)
10
1 Hz (period is 1 second)
11
Low.
1-0
LED10_FREQ
R/W
VSB3V
LED output frequency.
Bit
Description
00
Tri-state (default).
01
0.5Hz (period is 2 seconds, duty cycle is 50%)
10
1 Hz (period is 1 second)
11
Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com