Electronic Components Datasheet Search
  English  ▼

X  

F75367 Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F75367
Description  짹1oC Temperature Sensor with I2C-SST Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75367 Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F75367 Datasheet HTML 7Page - Feature Integration Technology Inc. F75367 Datasheet HTML 8Page - Feature Integration Technology Inc. F75367 Datasheet HTML 9Page - Feature Integration Technology Inc. F75367 Datasheet HTML 10Page - Feature Integration Technology Inc. F75367 Datasheet HTML 11Page - Feature Integration Technology Inc. F75367 Datasheet HTML 12Page - Feature Integration Technology Inc. F75367 Datasheet HTML 13Page - Feature Integration Technology Inc. F75367 Datasheet HTML 14Page - Feature Integration Technology Inc. F75367 Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
Feb.., 2008
V0.11P
F75367
a ground plane under the tracks if possible. Do not route D+ & D- lines next to the deflection coil of the
CRT. And also don’t route the trace across fast digital signals which can easily induce bigger error.
GND
GND
DXP
10MILS
10MILS
MINIMUM
10MILS
DXN
10MILS
Use wide tracks to minimize inductance and reduce noise pickup. 10 mil track minimum width and
spacing is recommended.
Try to minimize the number of copper/solder joints, which can cause thermocouple effects. Where
copper/solder joints are used, make sure that they are in both the D+ and D- path and at the same
temperature. Thermocouple effects should not be a major problem as 1
corresponds to about 200µV
℃
. It
means that a copper-solder thermocouple exhibits 3µV/℃, and takes about 200µV of the voltage error at
D+ & D- to cause a 1℃ measurement error. Adding a few thermocouples causes a negligible error.
Place a 0.1µF bypass capacitor close to the VCC pin. In very noisy environments, place an external
2200pF input filter capacitors across D+, D- close to the F75367.
If the distance to the remote sensor is more than 8 inches, the use of twisted pair cable is recommended.
It will work up to around 6 to 12 feet.
Because the measurement technique uses switched current sources, excessive cable and/or filter
capacitance will affect the measurement accuracy. When using long cables, the filter capacitor may be
reduced or removed. Cable resistance can also induce errors. 1 Ω series resistance introduces about
0.5
er
℃
ror.
7. Register Description
7.1.Configuration Register
 Index 01h
Bit
Name
R/W Default
Description
7-1
-
R/W
0
Reserved
0
T_START
R/W
1
Set one to enable startup of temperature monitoring operations; a zero
puts the part in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com