Electronic Components Datasheet Search
  English  ▼

X  

F75367 Datasheet(PDF) 16 Page - Feature Integration Technology Inc.

Part # F75367
Description  짹1oC Temperature Sensor with I2C-SST Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75367 Datasheet(HTML) 16 Page - Feature Integration Technology Inc.

Back Button F75367 Datasheet HTML 12Page - Feature Integration Technology Inc. F75367 Datasheet HTML 13Page - Feature Integration Technology Inc. F75367 Datasheet HTML 14Page - Feature Integration Technology Inc. F75367 Datasheet HTML 15Page - Feature Integration Technology Inc. F75367 Datasheet HTML 16Page - Feature Integration Technology Inc. F75367 Datasheet HTML 17Page - Feature Integration Technology Inc. F75367 Datasheet HTML 18Page - Feature Integration Technology Inc. F75367 Datasheet HTML 19Page - Feature Integration Technology Inc. F75367 Datasheet HTML 20Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
Feb.., 2008
V0.11P
F75367
7-6
-
R
0
Reserved
5
T8_DIODE_OPEN
R
0
The diode of T8 (External Device5) is open or short
4
T7_DIODE_OPEN
R
0
The diode of T7 (External Device4) is open or short
3
T6_DIODE_OPEN
R
0
The diode of T6 (External Device3) is open or short
2
T5_DIODE_OPEN
R
0
The diode of T5 (External Device2) is open or short
1
T4_DIODE_OPEN
R
0
The diode of T4 (External Device1) is open or short
0
T3_DIODE_OPEN
R
0
The diode of T3 (External Device0) is open or short
7.18.Temperature Register
 Index 70h ~ 83h
Address
Attribute
Default
Value
Description
70h
RO
--
Local temperature[10:3] reading. The unit of reading is 1
ºC.At the moment of
reading this register. (when open or short this byte will return 0)
71h
RO
--
CR71 bit7-bit5 are the Local temperature reading value[2:0]. The unit of reading
is 0.125
ºC.
CR71 bit 0 is the sign bit of the Local temperature.
(when open or short this byte will return 1, “sign bit set to 1”)
72h
RO
--
Temperature 1 reading. The unit of reading is 1
ºC.At the moment of reading this
register.
73h
RO
--
CR73 bit7-bit5 are the temperature 1 reading value[2:0]. The unit of reading is
0.125
ºC.
CR73 bit 0 is the sign bit of the temperature 1.
(when open or short this byte will return 1, “sign bit set to 1”)
74h
RO
--
Temperature 2 reading. The unit of reading is 1
ºC.At the moment of reading this
register.
75h
RO
--
CR75 bit7-bit5 are the temperature 2 reading value[2:0]. The unit of reading is
0.125
ºC.
CR75 bit 0 is the sign bit of the temperature 2.
(when open or short this byte will return 1, “sign bit set to 1”)
78h
RO
--
T3_read (External Device 0) The unit of reading is 1
ºC.At the moment of reading
this register.
79h
RO
--
T4_read (External Device 1) The unit of reading is 1
ºC.At the moment of reading
this register.
7Ah
RO
--
T5_read (External Device 2) The unit of reading is 1
ºC.At the moment of reading
this register.
7Bh
RO
--
T6_read (External Device 3) The unit of reading is 1
ºC.At the moment of reading
this register.
7C
RO
--
T7_read (External Device 4) The unit of reading is 1
ºC.At the moment of reading
this register.
7D
RO
--
T8_read (External Device 5) The unit of reading is 1
ºC.At the moment of reading
this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com