Electronic Components Datasheet Search
  English  ▼

X  

F75367 Datasheet(PDF) 18 Page - Feature Integration Technology Inc.

Part # F75367
Description  짹1oC Temperature Sensor with I2C-SST Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75367 Datasheet(HTML) 18 Page - Feature Integration Technology Inc.

Back Button F75367 Datasheet HTML 13Page - Feature Integration Technology Inc. F75367 Datasheet HTML 14Page - Feature Integration Technology Inc. F75367 Datasheet HTML 15Page - Feature Integration Technology Inc. F75367 Datasheet HTML 16Page - Feature Integration Technology Inc. F75367 Datasheet HTML 17Page - Feature Integration Technology Inc. F75367 Datasheet HTML 18Page - Feature Integration Technology Inc. F75367 Datasheet HTML 19Page - Feature Integration Technology Inc. F75367 Datasheet HTML 20Page - Feature Integration Technology Inc. F75367 Datasheet HTML 21Page - Feature Integration Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
Feb.., 2008
V0.11P
F75367
8. Electrical characteristic
8.1 Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Power Supply Voltage
-0.5 to 5.5
V
Input Voltage
-0.5 to VCC+0.5
V
Operating Temperature
0 to 70
° C
Storage Temperature
-55 to 150
° C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of
the device
8.2 DC Characteristics
(TA = 0° C to 70° C, VCC = 3.3V ± 10%, VSS = 0V )
Parameter
Conditions
MIN
TYP
MAX
Unit
Temperature Error, Remote Diode
60
oC < TD < 100 oC, VCC = 3.0V to 3.6V
-40
oC <TD < 60oC, 100 oC <TD < 127oC
± 1
± 1
± 3
oC
Temperature Error, Local Diode
0
oC < TA < 100 oC, VCC = 3.0V to 3.6V
± 1
± 3
oC
Supply Voltage range
3.0
3.3
3.6
V
Average operating supply current
800
uA
Standby supply current
480
uA
Resolution
0.125
oC
Power on reset threshold
2.2
2.4
V
High Level
95
uA
Diode source current
Low Level
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com