Electronic Components Datasheet Search
  English  ▼

X  

LT1636CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1636CS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1636CS8 Datasheet HTML 4Page - Linear Technology LT1636CS8 Datasheet HTML 5Page - Linear Technology LT1636CS8 Datasheet HTML 6Page - Linear Technology LT1636CS8 Datasheet HTML 7Page - Linear Technology LT1636CS8 Datasheet HTML 8Page - Linear Technology LT1636CS8 Datasheet HTML 9Page - Linear Technology LT1636CS8 Datasheet HTML 10Page - Linear Technology LT1636CS8 Datasheet HTML 11Page - Linear Technology LT1636CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1636
1636fc
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
1k
10
20
30
40
50
10k
100k
1M
1636 G10
0
–10
–20
–30
60
70
–20
0
20
40
60
–40
–60
–80
–100
80
100
VS = ±2.5V
PHASE
GAIN
Open-Loop Gain and Phase Shift
vs Frequency
TEMPERATURE (
°C)
–50
0.09
0.10
0.11
25
1636 G12
0.08
0.07
– 25
0
50
75
100
125
0.06
0.05
0.04
0.12
RISING, VS = ±1.5V
FALLING, VS = ±1.5V
FALLING, VS = ±15V
RISING, VS = ±15V
Slew Rate vs Temperature
TEMPERATURE (
°C)
–50
220
240
260
25
75
1636 G11
200
180
–25
0
50
100
125
160
140
f = 1kHZ
VS = ±15V
VS = ±1.5V
Gain-Bandwidth Product
vs Temperature
Gain-Bandwidth Product and
Phase Margin vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
180
200
240
260
280
10
20
25
45
1636 G13
220
515
30
35
40
300
20
40
30
50
PHASE MARGIN
GAIN BANDWIDTH
RL = 10k
f = 1kHz
CMRR vs Frequency
PSRR vs Frequency
FREQUENCY (Hz)
1k
–20
0
20
40
60
10k
100k
1636 G15
–10
10
30
50
70
80
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
FREQUENCY (Hz)
1K
20
40
60
80
100
10K
100K
1636 G14
30
50
70
90
110
120
VS = ±15V
VS = ±1.5V
FREQUENCY (Hz)
1
0.20
0.25
0.30
0.35
10
100
1000
1635 G09
0.15
0.10
0.05
0
Input Noise Current vs Frequency
TIME (SEC)
24
6
8
1636 G07
10
1
03
5
7
9
VS = ±2.5V
0.1Hz to 10Hz Noise Voltage
FREQUENCY (Hz)
1
30
60
70
80
10
100
1000
1636 G08
50
40
Noise Voltage Density
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com