Electronic Components Datasheet Search
  English  ▼

X  

LT1636CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1636CS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1636CS8 Datasheet HTML 5Page - Linear Technology LT1636CS8 Datasheet HTML 6Page - Linear Technology LT1636CS8 Datasheet HTML 7Page - Linear Technology LT1636CS8 Datasheet HTML 8Page - Linear Technology LT1636CS8 Datasheet HTML 9Page - Linear Technology LT1636CS8 Datasheet HTML 10Page - Linear Technology LT1636CS8 Datasheet HTML 11Page - Linear Technology LT1636CS8 Datasheet HTML 12Page - Linear Technology LT1636CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1636
1636fc
TYPICAL PERFOR A CE CHARACTERISTICS
Settling Time to 0.1%
vs Output Step
Total Harmonic Distortion + Noise
vs Frequency
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
1636 G20
30
20
10
0
90
100
VS = ±2.5V
ISOURCE = 40µA
NO OUTPUT COMPENSATION
AV = 1
AV = 5
AV = 2
AV = 10
Capacitive Load Handling,
Overshoot vs Capacitive Load
LOAD RESISTANCE TO GROUND (
Ω)
0.01
0.1
1
10
1k
10k
100k
1636 G22
0.001
100
VS = 3V TOTAL
AV = 1
VIN = 2VP-P AT 1kHz
VS = 3V, 0V
VIN = 0.2V TO 2.2V
VS = ±1.5V
VIN = ±1V
VS = 3V, 0V
VIN = 0.5V TO 2.5V
Total Harmonic Distortion + Noise
vs Load Resistance
Total Harmonic Distortion + Noise
vs Output Voltage
OUTPUT VOLTAGE (VP-P)
0.01
1
10
02
3
1636 G23
0.001
1
0.1
RL = 10k
VCM = HALF SUPPLY
f = 1kHz
AV = –1
VS = ±1.5V
AV = –1
VS = 3V, 0V
AV = 1
VS = 3V, 0V
AV = 1
VS = ±1.5V
SETTLING TIME (
µs)
0
–10
–8
–4
–2
0
10
4
40
80
100
1636 G19
–6
6
8
2
20
60
120 140
160
AV = 1
AV = 1
AV = –1
VS = ±15V
AV = –1
FREQUENCY (Hz)
0.01
0.1
1
10
100
1k
10k
1636 G21
0.001
10
VS = 3V, 0V
VOUT = 2VP-P
VCM = 1.2V
RL = 50k
AV = –1
AV = 1
LOAD RESISTANCE (
Ω)
1k
50
100
150
200
250
450
10k
100k
1636 G16
300
350
400
0
10
20
30
40
80
50
60
70
PHASE MARGIN
GAIN BANDWIDTH
VS = ±2.5V
Gain-Bandwidth Product and
Phase Margin vs Load Resistance
FREQUENCY (Hz)
100
20
25
30
35
1k
10k
100k
1635 G18
15
10
5
0
Vs = ±15V
Vs = ±2.5V
DISTORTION
≤ 1%
AV = 1
Undistorted Output Swing
vs Frequency
FREQUENCY (Hz)
100
0.1
10
10k
1k
100k
10k
1635 G17
1
100
1k
VS = ±2.5V
AV = 100
AV = 10
AV = 1
Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com