Electronic Components Datasheet Search
  English  ▼

X  

LT1636CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1636CS8
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1636CS8 Datasheet HTML 6Page - Linear Technology LT1636CS8 Datasheet HTML 7Page - Linear Technology LT1636CS8 Datasheet HTML 8Page - Linear Technology LT1636CS8 Datasheet HTML 9Page - Linear Technology LT1636CS8 Datasheet HTML 10Page - Linear Technology LT1636CS8 Datasheet HTML 11Page - Linear Technology LT1636CS8 Datasheet HTML 12Page - Linear Technology LT1636CS8 Datasheet HTML 13Page - Linear Technology LT1636CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1636
1636fc
TYPICAL PERFOR A CE CHARACTERISTICS
Open-Loop Gain
0V
10V
OUTPUT VOLTAGE (5V/DIV)
A
B
C
C
1636 G24
VS = ±15V
AV = –1
1636 G25
A: RL = 2k
B: RL = 10k
C: RL = 50k
Large-Signal Response
VS = ±15V
AV = 1
1636 G26
Small-Signal Response
APPLICATIONS INFORMATION
cause the voltage at which operation switches from the
PNP stage to the NPN stage to move towards V+. The input
offset voltage of the NPN stage is untrimmed and is
typically 600
µV.
A Schottky diode in the collector of each NPN transistor of
the NPN input stage allows the LT1636 to operate with
either or both of its inputs above V+. At about 0.3V above
V+ the NPN input transistor is fully saturated and the input
bias current is typically 3
µA at room temperature. The
input offset voltage is typically 600
µV when operating
above V+. The LT1636 will operate with its input 44V above
V– regardless of V+.
The inputs are protected against excursions as much as
22V below V – by an internal 1k resistor in series with each
input and a diode from the input to the negative supply.
There is no output phase reversal for inputs up to 5V below
V –. There are no clamping diodes between the inputs and
the maximum differential input voltage is 44V.
Output
The output voltage swing of the LT1636 is affected by in-
put overdrive as shown in the typical performance curves.
When monitoring voltages within 100mV of V+, gain
should be taken to keep the output from clipping.
The output of the LT1636 can be pulled up to 27V beyond
V+ with less than 1nA of leakage current, provided that V+
is less than 0.5V.
Supply Voltage
The positive supply pin of the LT1636 should be bypassed
with a small capacitor (about 0.01
µF) within an inch of the
pin. When driving heavy loads an additional 4.7
µF electro-
lytic capacitor should be used. When using split supplies,
the same is true for the negative supply pin.
The LT1636 is protected against reverse battery voltages
up to 27V. In the event a reverse battery condition occurs,
the supply current is less than 1nA.
When operating the LT1636 on total supplies of 20V or
more, the supply must not be brought up faster than 1
µs.
This is especially true if low ESR bypass capacitors are
used. A series RLC circuit is formed from the supply lead
inductance and the bypass capacitor. 5
Ω of resistance in
the supply or the bypass capacitor will dampen the tuned
circuit enough to limit the rise time.
Inputs
The LT1636 has two input stages, NPN and PNP (see
Simplified Schematic), resulting in three distinct operat-
ing regions as shown in the Input Bias Current vs Common
Mode typical performance curve.
For input voltages about 0.8V or more below V+, the PNP
input stage is active and the input bias current is typically
– 4nA. When the input voltage is about 0.5V or less from
V+, the NPN input stage is operating and the input bias
current is typically 10nA. Increases in temperature will
A
B
–10V
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com