Electronic Components Datasheet Search
  English  ▼

X  

HV232GA Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV232GA
Description  Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232GA Datasheet(HTML) 8 Page - Supertex, Inc

Back Button HV232GA Datasheet HTML 2Page - Supertex, Inc HV232GA Datasheet HTML 3Page - Supertex, Inc HV232GA Datasheet HTML 4Page - Supertex, Inc HV232GA Datasheet HTML 5Page - Supertex, Inc HV232GA Datasheet HTML 6Page - Supertex, Inc HV232GA Datasheet HTML 7Page - Supertex, Inc HV232GA Datasheet HTML 8Page - Supertex, Inc HV232GA Datasheet HTML 9Page - Supertex, Inc HV232GA Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Pin Configurations
Package Outlines
HV232 28 Pin J-Lead
Pin
Function
Pin
Function
1
SW3
15
N/C
2
SW3
16
D
IN
3
SW2
17
CLK
4
SW2
18
LE
5
SW1
19
CL
6
SW1
20
D
OUT
7
SW0
21
SW7
8
SW0
22
SW7
9
N/C
23
SW6
10
V
PP
24
SW6
11
R
GND
25
SW5
12
V
NN
26
SW5
13
GND
27
SW4
14
V
DD
28
SW4
4
26
25
19
top view
28-pin J-Lead Package
27
28
1
2
3
24
23
22
21
20
12
18
17
16
15
14
13
5
11
6789
10
HV232 48-Pin TQFP
Pin
Function
1
SW5
2
N/C
3
SW4
4
N/C
5
SW4
6
N/C
7
N/C
8
SW3
9
N/C
10
SW3
11
N/C
12
SW2
13
N/C
14
SW2
15
N/C
16
SW1
17
N/C
18
SW1
19
N/C
20
SW0
21
N/C
22
SW0
23
N/C
24
V
PP
Pin 1
top view
48-pin TQFP
Pin 12
Pin
Function
25
VNN
26
N/C
27
R
GND
28
GND
29
V
DD
30
N/C
31
N/C
32
N/C
33
D
IN
34
CLK
35
LE
36
CLR
37
D
OUT
38
N/C
39
SW7
40
N/C
41
SW7
42
N/C
43
SW6
44
N/C
45
SW6
46
N/C
47
SW5
48
N/C
HV232



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com