Electronic Components Datasheet Search
  English  ▼

X  

HV232GA Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV232GA
Description  Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232GA Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV232GA Datasheet HTML 2Page - Supertex, Inc HV232GA Datasheet HTML 3Page - Supertex, Inc HV232GA Datasheet HTML 4Page - Supertex, Inc HV232GA Datasheet HTML 5Page - Supertex, Inc HV232GA Datasheet HTML 6Page - Supertex, Inc HV232GA Datasheet HTML 7Page - Supertex, Inc HV232GA Datasheet HTML 8Page - Supertex, Inc HV232GA Datasheet HTML 9Page - Supertex, Inc HV232GA Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
DATA
IN
LE
CLOCK
DATA
OUT
OFF
ON
OUT
(TYP)
V
50%
50%
50%
50%
t WLE
t SD
t SU
t h
50%
50%
t OFF
50%
t DO
t ON
t WCL
CLR
D
N – 1
D
N
D
N + 1
50%
50%
90%
10%
Logic Timing Waveforms
Block Diagram
D
LE
CL
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
8 BIT
SHIFT
REGISTER
LEVEL
SHIFTERS
OUTPUT
SWITCHES
LATCHES
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
VPP
VNN
VDD
RGND
DOUT
DIN
CLK
HV232



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com