Electronic Components Datasheet Search
  English  ▼

X  

HV232GA Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV232GA
Description  Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232GA Datasheet(HTML) 1 Page - Supertex, Inc

  HV232GA Datasheet HTML 1Page - Supertex, Inc HV232GA Datasheet HTML 2Page - Supertex, Inc HV232GA Datasheet HTML 3Page - Supertex, Inc HV232GA Datasheet HTML 4Page - Supertex, Inc HV232GA Datasheet HTML 5Page - Supertex, Inc HV232GA Datasheet HTML 6Page - Supertex, Inc HV232GA Datasheet HTML 7Page - Supertex, Inc HV232GA Datasheet HTML 8Page - Supertex, Inc HV232GA Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Low Charge Injection 8-Channel High Voltage
Analog Switch with Bleed Resistors
Features
❏
HVCMOS® technology for high performance
❏
Very low quiescent power dissipation – 10µA
❏
Output On-resistance typically 22 ohms
❏
Integrated bleed resistors on the outputs
❏
Low parasitic capacitances
❏
DC to 10MHz analog signal frequency
❏
-60dB typical output off isolation at 5MHz
❏
CMOS logic circuitry for low power
❏
Excellent noise immunity
❏
On-chip shift register, latch and clear logic circuitry
❏
Flexible high voltage supplies
❏
Surface mount package available
General Description
The Supertex HV232 is a low charge injection 8-channel high-
voltage analog switch integrated circuit (IC) with bleed resistors.
The device can be used in applications requiring high voltage
switching controlled by low voltage control signals, such as
ultrasound imaging and printers. The bleed resistors eliminate
voltage built up on capacitive loads such as piezoelectric trans-
ducers. Input data is shifted into an 8-bit shift register which can
then be retained in an 8-bit latch. To reduce any possible clock
feed-through noise, Latch Enable Bar (LE) should be left high
until all bits are clocked in. Using HVCMOS technology, this
switch combines high voltage bilateral DMOS switches and low
power CMOS logic to provide efficient control of high voltage
analog signals.
This IC is suitable for various combinations of high voltage
supplies, e.g., V
PP/VNN : +50V/–150V, or +100V/–100V.
Absolute Maximum Ratings*
V
DD Logic power supply voltage
-0.5V to +15V
V
PP - VNN Supply voltage
220V
V
PP Positive high voltage supply
-0.5V to V
NN +200V
V
NN Negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to V
DD +0.3V
Analog Signal Range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to +150°C
Power dissipation
µ-BGA
1.0W
28-pin PLCC
1.2W
48 lead TQFP
1.0W
* Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability.
HV232
V
PP
– V
NN
200V
HV232PJ
HV232FG
HV232GA
HV232X
Ordering Information
Package Options
28-lead plastic
48-lead TQFP
µ-BGA
Die
chip carrier
10/31/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV232GA

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232 SUTEX-HV232 Datasheet
380Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
625Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
logo
Microchip Technology
HV232 MICROCHIP-HV232 Datasheet
1Mb / 22P
8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
January 2026
logo
Supertex, Inc
HV2321 SUTEX-HV2321 Datasheet
716Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV2321 SUTEX-HV2321 Datasheet
680Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
More results

Similar Description - HV232GA

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com