Electronic Components Datasheet Search
  English  ▼

X  

HV57009 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV57009
Description  64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57009 Datasheet(HTML) 6 Page - Supertex, Inc

  HV57009 Datasheet HTML 1Page - Supertex, Inc HV57009 Datasheet HTML 2Page - Supertex, Inc HV57009 Datasheet HTML 3Page - Supertex, Inc HV57009 Datasheet HTML 4Page - Supertex, Inc HV57009 Datasheet HTML 5Page - Supertex, Inc HV57009 Datasheet HTML 6Page - Supertex, Inc HV57009 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
HV57009
65
80
1
24
25
40
41
64
Index
top view
80-pin Gullwing Package
25
26
36
37
HV
32
•
•
•
•
•
HV
2
HV
1
HV
33
•
•
•
•
•
HV
63
HV
64
Pin
SR1
SR2
OUT
OUT
OUT
OUT
OUT
OUT
DIR = VDD; CW (HVOUT1→HVOUT64)
DIR = VSS; CCW (HVOUT64→HVOUT1)
→CW
→CW
Pin
Function
1HV
OUT 24
2HV
OUT 23
3HV
OUT 22
4HV
OUT 21
5HV
OUT 20
6HV
OUT 19
7HV
OUT 18
8HV
OUT 17
9HV
OUT 16
10
HV
OUT 15
11
HV
OUT 14
12
HV
OUT 13
13
HV
OUT 12
14
HV
OUT 11
15
HV
OUT 10
16
HV
OUT 9
17
HV
OUT 8
18
HV
OUT 7
19
HV
OUT 6
20
HV
OUT 5
21
HV
OUT 4
22
HV
OUT 3
23
HV
OUT 2
24
HV
OUT 1
25
D
I/O1A
26
D
I/O2A
27
N/C
28
N/C
29
LE
30
CLK
31
BL
32
V
SS
33
DIR
34
V
DD
35
-IN
36
D
I/O2B
37
D
I/O1B
38
N/C
39
+IN
40
V
BP
Figure 5: Pin Configurations
80-pin Gullwing Package
Pin
Function
41
HV
OUT 64
42
HV
OUT 63
43
HV
OUT 62
44
HV
OUT 61
45
HV
OUT 60
46
HV
OUT 59
47
HV
OUT 58
48
HV
OUT 57
49
HV
OUT 56
50
HV
OUT 55
51
HV
OUT 54
52
HV
OUT 53
53
HV
OUT 52
54
HV
OUT 51
55
HV
OUT 50
56
HV
OUT 49
57
HV
OUT 48
58
HV
OUT 47
59
HV
OUT 46
60
HV
OUT 45
61
HV
OUT 44
62
HV
OUT 43
63
HV
OUT 42
64
HV
OUT 41
65
HV
OUT 40
66
HV
OUT 39
67
HV
OUT 38
68
HV
OUT 37
69
HV
OUT 36
70
HV
OUT 35
71
HV
OUT 34
72
HV
OUT 33
73
HV
OUT 32
74
HV
OUT 31
75
HV
OUT 30
76
HV
OUT 29
77
HV
OUT 28
78
HV
OUT 27
79
HV
OUT 26
80
HV
OUT 25
Figure 6: Package Outline
Figure 7: Shift Register Operation
Notes:
1. Pin designation for DIR = V
DD.
2. A 0.1µF capacitor is needed between V
DD and VBP (pin 40) for better output
current stability and to prevent transient cross-coupling between outputs.
See Fig. 8a and 8b.
DIR = V
DD:DI/O1A
D
I/O2A
D
I/O2B
D
I/O1B
DIR = V
SS:DI/O2A
D
I/O1A
D
I/O1B
D
I/O2B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com