Electronic Components Datasheet Search
  English  ▼

X  

HV574 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV574
Description  100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV574 Datasheet(HTML) 1 Page - Supertex, Inc

  HV574 Datasheet HTML 1Page - Supertex, Inc HV574 Datasheet HTML 2Page - Supertex, Inc HV574 Datasheet HTML 3Page - Supertex, Inc HV574 Datasheet HTML 4Page - Supertex, Inc HV574 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
General Description
The HV574 is a low-voltage serial to high-voltage parallel con-
verter with push-pull outputs. This device has been designed for
use as a driver for printer applications. It can also be used in any
application requiring multiple output high-voltage current sour-
cing and sinking capability such as driving plasma panels, vac-
uum fluorescent displays, or large matrix LCD displays.
The device has 4 parallel 20-bit dynamic shift registers, permitting
data rates 4X the speed of one ( they are clocked together).
There are 80 static latches and control logic to perform the polarity
select and blanking of the outputs. HV
OUT1 is connected to the first
stage of the first shift register through the polarity and blanking
logic. Data is shifted through the shift registers on the logic low to
high transition of the clock. The DIR pin causes CCW shifting
when connected to GND, and CW shifting when connected to
VDD. A data output buffer is provided for cascading devices. This
output reflects the current status of the last bit of the shift register
(HV
OUT80). Operation of the shift register is not affected by the LE
(latch enable), BL (blanking), or the POL (polarity) inputs. Trans-
fer of data from the shift registers to the latches occurs when the
LE (latch enable) input is high. The data in the latches is stored
when LE is low.
Absolute Maximum Ratings
Supply voltage, VDD
1
-0.5V to +7.5V
Output voltage, V
PP
1
-0.5V to +90V
Logic input levels1
-0.3V to VDD +0.3V
Ground current 2
1.5A
Continuous total power dissipation 3
1200mW
Operating temperature range
-40 to 85°C
Storage temperature range
-65°C to +150°C
Lead temperature 1.6mm (1/16 inch)
260°C
from case for 10 seconds
Notes:
1. All voltages are referenced to GND.
2. Limited by the total power dissipated in the package.
3. For operation above 25°C ambient derate linearly to 85°C at 20mW/°C.
HV574
Device
100 Lead Quad
Plastic Gullwing
Die
HV574
HV574PG
HV574X
100 MHz, 80-Channel Serial To Parallel Converter
With Push-Pull Outputs
Ordering Information
Package Options
Features
❏ Processed with HVCMOS® technology
❏ 5V CMOS logic
❏ Output voltages up to 80V
❏ Low power level shifting
❏ 100MHz equivalent data rate using four dynamic
shift registers
❏ Static latched data outputs
❏ Forward and reverse shifting options (DIR pin)
❏ Diode to V
PP allows efficient power recovery
❏ Outputs may be hot switched
❏ Hi-Rel processing available
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV574

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV574 SUTEX-HV574 Datasheet
472Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574PG-G SUTEX-HV574PG-G Datasheet
472Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574PG-G SUTEX-HV574PG-G Datasheet
633Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574 SUTEX-HV574_13 Datasheet
633Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
More results

Similar Description - HV574

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV583 SUTEX-HV583 Datasheet
39Kb / 6P
128 Channel Serial to Parallel Converter with Push-Pull Outputs
HV7620 SUTEX-HV7620 Datasheet
68Kb / 5P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV583 SUTEX-HV583_06 Datasheet
374Kb / 7P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574PG-G SUTEX-HV574PG-G Datasheet
472Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574 SUTEX-HV574_13 Datasheet
633Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
HV583 MICROCHIP-HV583 Datasheet
369Kb / 22P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
HV7620 MICROCHIP-HV7620 Datasheet
529Kb / 16P
40 MHz 32-Channel Serial-to-Parallel Converter with Push-Pull Outputs
08/15/18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com