Electronic Components Datasheet Search
  English  ▼

X  

HV574 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV574
Description  100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV574 Datasheet(HTML) 5 Page - Supertex, Inc

  HV574 Datasheet HTML 1Page - Supertex, Inc HV574 Datasheet HTML 2Page - Supertex, Inc HV574 Datasheet HTML 3Page - Supertex, Inc HV574 Datasheet HTML 4Page - Supertex, Inc HV574 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
HV574
Package Outlines
81
100
80
51
50
31
1
30
top view
100-Lead Plastic Quad Flat Package
("Gullwing" Package)
Inputs
Outputs
Function
Shift Reg
HV Outputs
Data Out
All O/P High
X
X
X
L
L
X
H
All O/P Low
X
X
X
L
H
X
L
O/P Normal
X
X
X
H
H
X
No inversion
O/P Inverted
X
X
X
H
L
X
Inversion
L
↑
HHH
X
L
L
H
↑
HHH
X
H
H
L
↑
HH
LX
L
H
H
↑
HH
LX
H
L
Data Stored/
XX
LH
HX
*
Stored Data
Latches Loaded
XX
LH
LX
*
Inversion of
Stored Data
DINX
↑
HHH
H
Qn→ Qn +1
New H or L
DOUTX
D
INX
↑
LH
H
H
Q
n→ Qn +1
Previous
D
OUTX
H or L
D
OUTX
↑
LH
H
L
Q
n→ Qn -1
Previous
D
INX
H or L
D
OUTX
↑
HHH
L
Q
n→ Qn -1
New H or L
D
INX
Data
CLK
LE
BL
POL
DIR
Notes:
* = dependent on previous stage’s state. See Pin configuration for D
IN and DOUT pin designation for CW and CCW shift.
Function Table
I/O Relation
Data Falls
Through
(Latches
Transparent)
Pin Configuration
100-Pin PG Package
Pin
Function
1HV
OUT30
2HV
OUT29
3HV
OUT28
4HV
OUT27
5HV
OUT26
6HV
OUT25
7HV
OUT24
8HV
OUT23
9HV
OUT22
10
HV
OUT21
11
HV
OUT20
12
HV
OUT19
13
HV
OUT18
14
HV
OUT17
15
HV
OUT16
16
HV
OUT15
17
HV
OUT14
18
HV
OUT13
19
HV
OUT12
20
HV
OUT11
21
HV
OUT10
22
HV
OUT9
23
HV
OUT8
24
HV
OUT7
25
HV
OUT6
Pin
Function
26
HVOUT5
27
HVOUT4
28
HVOUT3
29
HVOUT2
30
HVOUT1
31
N/C
32
VPP
33
HVGND
34
DINA
35
DINB
36
DINC
37
DIND
38
VDD
39
POL
40
LE
41
CLK
42
DIR
43
BL
44
GND
45
DOUTD
46
DOUTC
47
DOUTB
48
DOUTA
49
HVGND
50
VPP
Pin
Function
51
HV
OUT80
52
HV
OUT79
53
HV
OUT78
54
HV
OUT77
55
HV
OUT76
56
HV
OUT75
57
HV
OUT74
58
HV
OUT73
59
HV
OUT72
60
HV
OUT71
61
HV
OUT70
62
HV
OUT69
63
HV
OUT68
64
HV
OUT67
65
HV
OUT66
66
HV
OUT65
67
HV
OUT64
68
HV
OUT63
69
HV
OUT62
70
HV
OUT61
71
HVOUT60
72
HV
OUT59
73
HV
OUT58
74
HV
OUT57
75
HV
OUT56
Pin
Function
76
HV
OUT55
77
HV
OUT54
78
HV
OUT53
79
HVout52
80
HV
OUT51
81
HV
OUT50
82
HV
OUT49
83
HVOUT48
84
HVOUT47
85
HVOUT46
86
HVOUT45
87
HVOUT44
88
HVOUT43
89
HVOUT42
90
HVOUT41
91
HVOUT40
92
HVOUT39
93
HVOUT38
94
HVOUT37
95
HVOUT36
96
HVOUT35
97
HVOUT34
98
HVOUT33
99
HVOUT32
100 HVOUT31



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com