Electronic Components Datasheet Search
  English  ▼

X  

STC3500 Datasheet(PDF) 28 Page - Connor-Winfield Corporation

Part # STC3500
Description  INTEGRATED - STRATUM 3 TIMING SOURCE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3500 Datasheet(HTML) 28 Page - Connor-Winfield Corporation

Back Button STC3500 Datasheet HTML 24Page - Connor-Winfield Corporation STC3500 Datasheet HTML 25Page - Connor-Winfield Corporation STC3500 Datasheet HTML 26Page - Connor-Winfield Corporation STC3500 Datasheet HTML 27Page - Connor-Winfield Corporation STC3500 Datasheet HTML 28Page - Connor-Winfield Corporation STC3500 Datasheet HTML 29Page - Connor-Winfield Corporation STC3500 Datasheet HTML 30Page - Connor-Winfield Corporation STC3500 Datasheet HTML 31Page - Connor-Winfield Corporation STC3500 Datasheet HTML 32Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Preliminary Data Sheet: TM060
Page 28 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Jitter Transfer Characteristics
Jitter Transfer – Jitter transfer is the degree to which input jitter is attenuated (or amplified) from input to output of a clock. It is a
function of the selected bandwidth. The STC3500 jitter transfer characteristics are shown below:
Performance Specifications continued
Wander Transfer – Wander transfer is the degree to which input wander is attenuated (or amplified) from input to output of a clock.
Integration time,
τ (seconds)
Stratum 3 TDEV (nanoseconds)
τ < 0.05
N/A
0.05
≤
τ < 0.1
1020 x
τ
0.1
≤
τ < 1.44
102
1.44
≤
τ < 10
102
10
≤
τ < 300
32.2 x
τ 0.5
300
≤
τ ≤ 1000
32.2 x
τ 0.5
1000 <
τ
N/A
The STC3500, when configured for the appropriate stratum 3 bandwidth frequency, meets the stratum 3 requirements,
Jitter Generation – Jitter generation is the process whereby jitter appears at the output of a clock in the absence of input jitter.
The device jitter generation performance is as shown below:
Jitter
STC3500 Performance
Requirement, p-p
Broadband
< 6 pS RMS, < 50 pS p-p
T1/E1:32 nS
500 Hz - 1.3 MHz
< 1.5 pS RMS
T1/E1: 32 nS, STM-1: 3.21nS
65 kHz - 1.3 MHz
< 1 pS RMS
T1/E1: 32 nS, STM-1: 643 pS
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0001
0.001
0.01
0.1
1
10
100
1000
Jitter Modulation Frequency (Hz)
-3
fc=1.36Hz
fc=0.66mHz
<
Bandwidth (fc)
1.56 Hz
0.58 Hz
0.34 Hz
0.17 Hz
0.085 Hz
0.043 Hz
0.011 Hz
0.005,3 Hz
0.002,7 Hz
0.001,3 Hz
0.000,66 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com