Electronic Components Datasheet Search
  English  ▼

X  

STC3500 Datasheet(PDF) 46 Page - Connor-Winfield Corporation

Part # STC3500
Description  INTEGRATED - STRATUM 3 TIMING SOURCE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3500 Datasheet(HTML) 46 Page - Connor-Winfield Corporation

Back Button STC3500 Datasheet HTML 40Page - Connor-Winfield Corporation STC3500 Datasheet HTML 41Page - Connor-Winfield Corporation STC3500 Datasheet HTML 42Page - Connor-Winfield Corporation STC3500 Datasheet HTML 43Page - Connor-Winfield Corporation STC3500 Datasheet HTML 44Page - Connor-Winfield Corporation STC3500 Datasheet HTML 45Page - Connor-Winfield Corporation STC3500 Datasheet HTML 46Page - Connor-Winfield Corporation STC3500 Datasheet HTML 47Page - Connor-Winfield Corporation STC3500 Datasheet HTML 48Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Preliminary Data Sheet: TM060
Page 46 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Mechanical Specifications
Package Dimensions
Figure 14
13.00 mm
[0.51"]
SQR
11.00 mm
[0.43"]
1.00 mm
[0.04"]
11.00 mm
[0.43"]
0.70 mm
[0.03"]
0.35 mm
[0.01"]
0.25 mm
[0.01"]
12 11 10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
TOP VIEW
BOTTOM VIEW
A1 Ball
Pad Corner
A1 Ball
Pad Corner
All dimensions are ±10%
unless otherwise indicated
Ø0.50 mm
[Ø0.02"]
1.50 mm
[0.06"]
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com