Electronic Components Datasheet Search
  English  ▼

X  

STC3500 Datasheet(PDF) 32 Page - Connor-Winfield Corporation

Part # STC3500
Description  INTEGRATED - STRATUM 3 TIMING SOURCE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3500 Datasheet(HTML) 32 Page - Connor-Winfield Corporation

Back Button STC3500 Datasheet HTML 28Page - Connor-Winfield Corporation STC3500 Datasheet HTML 29Page - Connor-Winfield Corporation STC3500 Datasheet HTML 30Page - Connor-Winfield Corporation STC3500 Datasheet HTML 31Page - Connor-Winfield Corporation STC3500 Datasheet HTML 32Page - Connor-Winfield Corporation STC3500 Datasheet HTML 33Page - Connor-Winfield Corporation STC3500 Datasheet HTML 34Page - Connor-Winfield Corporation STC3500 Datasheet HTML 35Page - Connor-Winfield Corporation STC3500 Datasheet HTML 36Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Preliminary Data Sheet: TM060
Page 32 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Application Notes continued
Environment – The maximum device power dissipation is 2 W. Board layout and device location need to account for
adequate cooling.
All device input and output signal levels are 3.3V LVTTL (Except VC_PPECL and VC_NPECL, which are LVPECL).
External Component Selection – Following are the recommended external components to be used with the STC3500.
The device pins to which they connect are also shown. The main oscillator may be an OCXO or TCXO:
Component Selections
Table 8
Component
Vendor
Part Number/Description
Device Pins
OCXO (CT only)
Connor-Winfield
ASOF3S3 12.8 MHz
OCXO
AGOF3S3 12.8 MHz
OCXO (IT only)
Connor-Winfield
DSOF3S3 12.8 MHz
OCXO
BGOF3S3 12.8 MHz
TCXO (CT range only)
Connor-Winfield
T-501
TCXO
VCXO (CT range)
Connor-Winfield
VKB52B2 (- Sync_Clk frequency)
VCXO
VCXO (IT range)
Connor-Winfield
VKB62B2 (- Sync_Clk frequency)
VCXO
DAC
Linear Technology
LTC1655LCS8
DACclk, DACdin, DACld
EEPROM (Optional)
Atmel
AT24C64N-10SI-2.7
E2scl, E2sda, E2wp
The VCXO determines the Sync_Clk output frequency. Acceptable output frequencies are: 12.96 MHz, 19.44 MHz,
25.92 MHz, 38.88 MHz 51.84 MHz, 77.76 MHz, or 155.52 MHz. The device will operationally autodetect the output
frequency.
The EEPROM is optional, and is required to hold device configuration data if the application intends to operate in
hardware control mode only (No bus interface). If the bus interface is used, the application may provide the
configuration data pump, and no EEPROM is required. See Application Notes, Configuration Data section.
Reference Inputs – The application may supply up to 8 reference inputs, applied at input pins Ref1 - 8. They may each
be 8 kHz, 1.544 MHz, 2.048 MHz, 19.44 MHz, 38.88 MHz, or 77.76 MHz. The device auto-detects frequency in the
hardware control modes, and may auto-detect or have the frequency written to registers in register control mode, as
described in the control mode sections that follow.
References would typically (but need not be) connected in decreasing order of usage priority. For example if redundant
BITS clocks are available, they would typically be assigned to Ref1 and Ref2, with other transmission derived signals
following thereafter.
Master/slave operation – For some applications, reliability requirements may demand that the clock system to be
duplicated. The STC3500 device will support the master/slave duplicated configuration for such applications. To
facilitate it’s use, the device includes the necessary signal cross coupling and control functions. Redundancy for
reliability implies two major considerations: 1) Maintaining separate failure groups such that a failure in one group does
not affect it’s mate, and 2) Physical and logical partitioning for repair, such that a failed component can be replaced
while the mate remains in service, if so desired. System design needs to account for these appropriately for system
level goals to be met.
Master/Slave Configuration – A pair of devices are interconnected by cross-coupling their respective Sync_8K or
Sync_Clk outputs to the other device’s Xref input (See Figure 10). Note that 8 kHz frame phase alignment is
maintained across a master/slave pair of devices only if Sync_8K is used as the cross couple signal.
Additionally, the reference inputs for each device would typically be correspondingly the same, so that when a Master/
Slave switch occurs, synchronization would continue with the same reference. The references may be driven by the
same signal directly or via separate drivers, as the redundancy of that part of the system requires. Distribution path
lengths are not critical here, as a phase build-out will occur when a device switches from slave to master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com