Electronic Components Datasheet Search
  English  ▼

X  

STS-100 Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # STS-100
Description  Synchronous Timing Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STS-100 Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  STS-100 Datasheet HTML 1Page - Connor-Winfield Corporation STS-100 Datasheet HTML 2Page - Connor-Winfield Corporation STS-100 Datasheet HTML 3Page - Connor-Winfield Corporation STS-100 Datasheet HTML 4Page - Connor-Winfield Corporation STS-100 Datasheet HTML 5Page - Connor-Winfield Corporation STS-100 Datasheet HTML 6Page - Connor-Winfield Corporation STS-100 Datasheet HTML 7Page - Connor-Winfield Corporation STS-100 Datasheet HTML 8Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet #: TM026
Page 4 of 8
Rev: P03
Date: 4/25/06
© Copyright 2006 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Connector S1
Table 5
PIN
SYMBOL
I/O
DESCRIPTION
1,3,5,7,
A[0:6]
I
Address bus for microprocessor interface, A[0} is SDI in serial interface mode
9,11,13
2
CSB
I
Chip Select (Active Low)
4
WRB
I
Write (Active Low)
6
RDB
I
Read (Active Low)
8
ALE
I
Address latch enable. This pin acts as SCLK in serial mode.
10
RDY
O
Ready/Data acknowledge
14
PORB
I
Power on Reset (Active Low)
17,19,21
23,25,27
AD[0:7]
Address/Data multiplexed address/data depending on microprocessor mode
29,31
selection. AD[0] is SDO in serial mode
16
MSTSLVB
I
Master/Slave select. Sets initial power up state
18
INTRPT
O
Active high software interrupt
20
SRCSW
I
Source switching. Force fast source switching.
22
SONSDHB
I
SONET/SDH frequency select. Sets initial power up state
35, 37, 39
UPSEL[0:2]
I
Configures the input for a particular microprocessor type.
41
TRST
I
Tri-State input
43
TCK
I
JTAG TCK input
45
TDO
O
JTAG TDO output
47
TDI
I
JTAG TDI input
49
TMS
I
JTAG TMS output
53, 54,
Vcc
3.3V Input
55, 56
61, 62,
GND
Ground
63, 64
12, 15, 24,
26, 28, 30,
32, 33, 34,
36, 38, 40,
NC
No Connect
42, 44, 46,
48, 50, 51,
52, 57, 58,
59, 60



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com