Electronic Components Datasheet Search
  English  ▼

X  

STS-100 Datasheet(PDF) 5 Page - Connor-Winfield Corporation

Part # STS-100
Description  Synchronous Timing Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STS-100 Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  STS-100 Datasheet HTML 1Page - Connor-Winfield Corporation STS-100 Datasheet HTML 2Page - Connor-Winfield Corporation STS-100 Datasheet HTML 3Page - Connor-Winfield Corporation STS-100 Datasheet HTML 4Page - Connor-Winfield Corporation STS-100 Datasheet HTML 5Page - Connor-Winfield Corporation STS-100 Datasheet HTML 6Page - Connor-Winfield Corporation STS-100 Datasheet HTML 7Page - Connor-Winfield Corporation STS-100 Datasheet HTML 8Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet #: TM026
Page 5 of 8
Rev: P03
Date: 4/25/06
© Copyright 2006 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Connector S2
Table 6
PIN
SYMBOL
I/O
IO Type
DESCRIPTION
1
REFIN1
I
TTL/CMOS
Input Reference
(I3 input on ACS8530 SETS)
2
REFOUT1
O
TTL/CMOS
Output Reference
(TO1 output on ACS8530 SETS)
3
REFIN2
I
TTL/CMOS
Input Reference
(I4 input on ACS8530 SETS)
4
REFOUT2
O
TTL/CMOS
Output Reference
(TO2 output on ACS8530 SETS)
5
REFIN3
I
TTL/CMOS
Input Reference
(I7 input on ACS8530 SETS)
6
REFOUT3
O
TTL/CMOS
Output Reference
(TO3 output on ACS8530 SETS)
7
REFIN4
I
TTL/CMOS
Input Reference
(I8 input on ACS8530 SETS)
8
REFOUT4
O
TTL/CMOS
Output Reference
(TO4 output on ACS8530 SETS)
9
REFIN5
I
TTL/CMOS
Input Reference
(I9 input on ACS8530 SETS)
10
REFOUT5
O
TTL/CMOS
Output Reference
(TO5 output on ACS8530 SETS)
11
REFIN6
I
TTL/CMOS
Input Reference
(I10 input on ACS8530 SETS)
12
REFOUT6
O
TTL/CMOS
Output Reference
(TO9 output on ACS8530 SETS)
13
REFIN7
I
TTL/CMOS
Input Reference
(I11 input on ACS8530 SETS)
14
REFOUT7
O
TTL/CMOS
8 kHZ Frame SYNC output
15
REFIN8
I
TTL/CMOS
Input Reference
(I13 input on ACS8530 SETS)
16
REFOUT8
O
TTL/CMOS
2 kHz Multi-Frame SYNC output
17
REFIN9
I
TTL/CMOS
Input Reference
(I14 input on ACS8530 SETS)
18
SYNCOUT
0
TTL/CMOS
No Connect
19
REFIN10
I
TTL/CMOS
Input Reference
20
CLKOUT
O
TTL/CMOS
Onboard oscillator output
22
SYNC2K
I
TTL/CMOS
Sychronized to a 2 kHz multi-frame signal from partner STS-100A
in a rededundancy system
26
DOUT1_P
O
AMI
AMI Output
28
DOUT1_N
O
AMI
AMI Output
30
DOUT2_P
O
LVPECL/LVDS
Differential Output
(TO6 pins on ACS8530 SETS)
32
DOUT2_N
O
LVPECL/LVDS
Differential Ouput
(TO6 pins on ACS8530 SETS)
34
DOUT3_P
O
LVPECL/LVDS
Differential Ouput
(TO7 pins on ACS8530 SETS)
36
DOUT3_N
O
LVPECL/LVDS
Differential Ouput
(TO7 pins on ACS8530 SETS)
38
DOUT4_P
No Connect
40
DOUT4_N
No Connect
42
DOUT5_P
No Connect
44
DOUT5_N
No Connect
46
DOUT6_P
No Connect
48
DOUT6_N
No Connect
50
DOUT7_P
No Connect
52
DOUT7_N
No Connect
54
DOUT8_P
No Connect
56
DOUT8_N
No Connect
31
DIN1_P
I
AMI
AMI Input
(I1 input on ACS8530 SETS)
33
DIN1_N
I
AMI
AMI Input
(I2 input on ACS8530 SETS)
35
DIN2_P
I
LVPECL/LVDS
Differential Input
(I5 pins on ACS8530 SETS)
37
DIN2_N
I
LVPECL/LVDS
Differential Input
(I5 pins on ACS8530 SETS)
39
DIN3_P
I
LVPECL/LVDS
Differential Input
(I6 pins on ACS8530 SETS)
41
DIN3_N
I
LVPECL/LVDS
Differential Input
(I6 pins on ACS8530 SETS)
21, 23, 25,
27, 29, 43,
45, 47, 49,
NC
No Connect
51, 53, 55,
57, 58, 59,
60



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com