Electronic Components Datasheet Search
  English  ▼

X  

STS-100 Datasheet(PDF) 7 Page - Connor-Winfield Corporation

Part # STS-100
Description  Synchronous Timing Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STS-100 Datasheet(HTML) 7 Page - Connor-Winfield Corporation

  STS-100 Datasheet HTML 1Page - Connor-Winfield Corporation STS-100 Datasheet HTML 2Page - Connor-Winfield Corporation STS-100 Datasheet HTML 3Page - Connor-Winfield Corporation STS-100 Datasheet HTML 4Page - Connor-Winfield Corporation STS-100 Datasheet HTML 5Page - Connor-Winfield Corporation STS-100 Datasheet HTML 6Page - Connor-Winfield Corporation STS-100 Datasheet HTML 7Page - Connor-Winfield Corporation STS-100 Datasheet HTML 8Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet #: TM026
Page 7 of 8
Rev: P03
Date: 4/25/06
© Copyright 2006 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
01 02
59
60
60
59
02
01
.5695 [14.47mm]
1.3620 [34.59mm]
2.0000 [50.80mm]
.1100 [2.79mm]
1.8900 [48.01mm]
Ø.1040 [Ø2.64mm]
Finished Hole
Ø.1800 [Ø4.57mm]
Copper Pad
S1
S2
.0170 [0.43 mm]
.0078 [0.20 mm]
.1128 [2.87 mm]
.3151 [8.00 mm]
Ø.04
00 [Ø
1.02
mm
]
.0895 [2.27 mm]
01
02
59
60
Samtec PN: QSH-030-01-H-D-A-K-TR
Fig 4
Fig 5
Recommended Connector Placement and Component Keep Out Area
Recommended Connector Footprint Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com