Electronic Components Datasheet Search
  English  ▼

X  

HV9113 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9113 Datasheet(HTML) 3 Page - Supertex, Inc

  HV9113 Datasheet HTML 1Page - Supertex, Inc HV9113 Datasheet HTML 2Page - Supertex, Inc HV9113 Datasheet HTML 3Page - Supertex, Inc HV9113 Datasheet HTML 4Page - Supertex, Inc HV9113 Datasheet HTML 5Page - Supertex, Inc HV9113 Datasheet HTML 6Page - Supertex, Inc HV9113 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV9110/HV9112/HV9113
Electrical Characteristics (continued)
(Unless otherwise specified, V
DD = 10V, +VIN = 48V, Discharge = -VIN = 0V, RBIAS = 390KΩ, ROSC = 330KΩ,TA = 25°C.)
Symbol Parameters
Min
Typ
Max
Unit
Conditions
Pre-regulator/Startup
+V
IN
Input Voltage
HV9110/13
120
V
I
IN < 10µA; VCC > 9.4V
HV9112
80
+I
IN
Input Leakage Current
10
µAV
DD > 9.4V
V
TH
V
DD Pre-regulator Turn-off Threshold Voltage
8.0
8.7
9.4
V
I
PREREG = 10µA
V
LOCK
Undervoltage Lockout
7.0
8.1
8.9
V
Supply
IDD
Supply Current
0.75
1.0
mA
CL < 75pF
I
Q
Quiescent Supply Current
0.55
mA
Shutdown = -V
IN
I
BIAS
Nominal Bias Current
20
µA
VDD
Operating Range
9.0
13.5
V
Shutdown Logic
t
SD
Shutdown Delay1
50
100
ns
C
L = 500pF, VSENSE = -VIN
t
SW
Shutdown Pulse Width1
50
ns
t
RW
RESET Pulse Width1
50
ns
t
LW
Latching Pulse Width1
25
ns
Shutdown and reset low
VIL
Input Low Voltage
2.0
V
V
IH
Input High Voltage
7.0
V
I
IH
Input Current, Input Voltage High
1.0
5.0
µAV
IN = VDD
IIL
Input Current, Input Voltage Low
-25
-35
µAV
IN = 0V
Output
VOH
Output High Voltage
HV9110/13
VDD -0.25
V
IOUT = 10mA
HV9112
V
DD -0.3
HV9110/13
V
DD -0.3
I
OUT = 10mA,
T
A = -55°C to 125°C
V
OL
Output Low Voltage
All
0.2
V
I
OUT = -10mA
HV9110/13
0.3
IOUT = -10mA,
T
A = -55°C to 125°C
ROUT
Output Resistance
Pull Up
15
25
Ω
IOUT = ±10mA
Pull Down
8.0
20
Pull Up
20
30
Ω
I
OUT = ±10mA,
Pull Down
10
30
TA = -55°C to 125°C
t
R
Rise Time1
30
75
ns
C
L = 500pF
t
F
Fall Time1
20
75
ns
C
L = 500pF
Note:
1. Guaranteed by design. Not subject to production test.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com