Electronic Components Datasheet Search
  English  ▼

X  

HV9113 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9113 Datasheet(HTML) 4 Page - Supertex, Inc

  HV9113 Datasheet HTML 1Page - Supertex, Inc HV9113 Datasheet HTML 2Page - Supertex, Inc HV9113 Datasheet HTML 3Page - Supertex, Inc HV9113 Datasheet HTML 4Page - Supertex, Inc HV9113 Datasheet HTML 5Page - Supertex, Inc HV9113 Datasheet HTML 6Page - Supertex, Inc HV9113 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV9110/HV9112/HV9113
Shutdown
Reset
Output
H
H
Normal Operation
HH
→ L
Normal Operation, No Change
L
H
Off, Not Latched
L
L
Off, Latched
L
→ H
L
Off, Latched, No Change
Truth Table
Shutdown Timing Waveforms
Functional Block Diagram
VDD
50%
0
t d
Output
Sense
1.5V
0
tSD
50%
90%
90%
VDD
Output
0
Shutdown
VDD
0
t LW
50%
50%
t SW
50%
50%
t RW
Reset
0
VDD
Shutdown
0
VDD
50%
t
R, tF ≤ 10ns
t
F ≤ 10ns
t
R ≤ 10ns
Pin numbers in parentheses are for PLCC package
+
–
+
–
+
–
REF
GEN
+
–
+
–
Modulator
Comparator
OSC
R
S
Q
Current Limit
Comparator
9110
9112
COMP
Discharge
OSC
In
OSC
Out
FB
V
REF
BIAS
V
DD
+V
IN
Pre-regulator/Startup
8.6V
8.1V
Undervoltage
Comparator
S
R
Q
VDD
Shutdown
Reset
-V
Current Sense
IN
Output
Error
Amplifier
4V
To
Internal
Circuits
1.2V
Current
Sources
To V
DD
2V
TQ
9113
4 (6)
5 (8)
3 (5)
11 (16)
12 (17)
2 (3)
6 (9)
1 (20)
10 (14)
14
(19)
13
(18)
9
(12)
8 (11)
7 (10)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com