Electronic Components Datasheet Search
  English  ▼

X  

HV9113 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9113 Datasheet(HTML) 6 Page - Supertex, Inc

  HV9113 Datasheet HTML 1Page - Supertex, Inc HV9113 Datasheet HTML 2Page - Supertex, Inc HV9113 Datasheet HTML 3Page - Supertex, Inc HV9113 Datasheet HTML 4Page - Supertex, Inc HV9113 Datasheet HTML 5Page - Supertex, Inc HV9113 Datasheet HTML 6Page - Supertex, Inc HV9113 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
+
–
Reference
V
1
V
2
0.1V swept 10Hz – 1MHz
0.1
µF
10.0V
4.00V
100K1%
100K1%
PSRR
Test Circuits
Detailed Description
Preregulator
The preregulator/startup circuit for the HV911X consists of a high-
voltage n-channel depletion-mode DMOS transistor driven by an
error amplifier to form a variable current path between the V
IN
terminal and the V
DD terminal. Maximum current (about 20 mA)
occurs when V
DD = 0, with current reducing as VDD rises. This path
shuts off altogether when V
DD rises to somewhere between 7.8
and 9.4V, so that if V
DD is held at 10 or 12V by an external source
(generally the supply the chip is controlling). No current other than
leakage is drawn through the high voltage transistor. This mini-
mizes dissipation.
An external capacitor between V
DD and VSS is generally required
to store energy used by the chip in the time between shutoff of the
high voltage path and the VDD supply’s output rising enough to
take over powering the chip. This capacitor should have a value
of 100X or more the
effective gate capacitance of the MOSFET
being driven, i.e.,
C
storage ≥ 100 x (gate charge of FET at 10V
÷ 10V)
as well as very good high frequency characteristics. Stacked
polyester or ceramic caps work well. Electrolytic capacitors are
generally not suitable.
A common resistor divider string is used to monitor V
DD for both
the undervoltage lockout circuit and the shutoff circuit of the high
voltage FET. Setting the undervoltage sense point about 0.6V
lower on the string than the FET shutoff point guarantees that the
undervoltage lockout always releases before the FET shuts off.
Bias Circuit
An external bias resistor, connected between the bias pin and VSS
is required by the HV911X to set currents in a series of current
mirrors used by the analog sections of the chip. Nominal external
bias current requirement is 15 to 20
µA, which can be set by a
390K
Ω to 510KΩ resistor if a 10V V
DD is used, or a 510kΩ to
680K
Ω resistor if V
DD will be 12V. A precision resistor is not
required;
± 5% is fine.
Clock Oscillator
The clock oscillator of the HV911X consists of a ring of CMOS
inverters, timing capacitors, a capacitor discharge FET, and, in
the 50% maximum duty cycle versions, a frequency dividing flip-
flop. A single external resistor between the OSC In and OSC Out
pins is required to set oscillator frequency (see graph). For the
50% maximum duty cycle versions the Discharge pin is internally
connected to GND. For the 99% duty cycle version, the discharge
pin can either be connected to V
SS directly or connected to VSS
through a resistor used to set a deadtime.
One difference exists between the Supertex HV911X and com-
petitive 911X’s: On the Supertex part the oscillator is shut off
when a shutoff command is received. This saves about 150
µA of
quiescent current, which aids in the construction of power sup-
plies to meet CCITT specification I-430, and in other situations
where an absolute minimum of quiescent power dissipation is
required.
Reference
The Reference of the HV911X consists of a stable bandgap
reference followed by a buffer amplifier which scales the voltage
up to approximately 4.0V. The scaling resistors of the reference
buffer amplifier are trimmed during manufacture so that the output
of the error amplifier when connected in a gain of –1 configuration
is as close to 4.000V as possible. This nulls out any input offset
of the error amplifier. As a consequence, even though the ob-
served reference voltage of a specific part may not be exactly
4.0V, the feedback voltage required for proper regulation will be.
A
≈50KΩ resistor is placed internally between the output of the
reference buffer amplifier and the circuitry it feeds (reference
output pin and non-inverting input to the error amplifier). This
allows overriding the internal reference with a low-impedance
voltage source
≤6.0V. Using an external reference reinstates the
input offset voltage of the error amplifier, and its effect of the exact
value of feedback voltage required.
Because the reference of the 911X is a high impedance node, and
usually there will be significant electrical noise near it, a bypass
capacitor between the reference pin and V
SS is strongly recom-
mended. The reference buffer amplifier is intentionally compen-
sated to be stable with a capacitive load of 0.01 to 0.1
µF.
+
–
Reference
V
1
V
2
60.4K
40.2K
1.0V swept 100Hz – 2.2MHz
Tektronix
P6021
(1 turn
secondary)
0.1
µF
+10V
(V
DD)
GND
(–V
IN)
(FB)
NOTE: Set Feedback Voltage so that
V
COMP = VDIVIDE ± 1mV before connecting transformer
Error Amp Z
OUT
HV9110/HV9112/HV9113



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com