Electronic Components Datasheet Search
  English  ▼

X  

176325 Datasheet(PDF) 17 Page - Linear Technology

Part # 176325
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

176325 Datasheet(HTML) 17 Page - Linear Technology

Back Button 176325 Datasheet HTML 12Page - Linear Technology 176325 Datasheet HTML 13Page - Linear Technology 176325 Datasheet HTML 14Page - Linear Technology 176325 Datasheet HTML 15Page - Linear Technology 176325 Datasheet HTML 16Page - Linear Technology 176325 Datasheet HTML 17Page - Linear Technology 176325 Datasheet HTML 18Page - Linear Technology 176325 Datasheet HTML 19Page - Linear Technology 176325 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT1763 Series
17
1763fe
APPLICATIONS INFORMATION
Table 2. SO-8 Package, 8-Lead SO
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
60°C/W
1000mm2
2500mm2
2500mm2
60°C/W
225mm2
2500mm2
2500mm2
68°C/W
100mm2
2500mm2
2500mm2
74°C/W
50mm2
2500mm2
2500mm2
86°C/W
* Device is mounted on topside
Calculating Junction Temperature
Example: Given an output voltage of 3.3V, an input voltage
range of 4V to 6V, an output current range of 0mA to 250mA
and a maximum ambient temperature of 50°C, what will
the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX)(VIN(MAX) – VOUT) + IGND(VIN(MAX))
where,
IOUT(MAX) = 250mA
VIN(MAX) = 6V
IGND at (IOUT = 250mA, VIN = 6V) = 5mA
So,
P = 250mA(6V – 3.3V) + 5mA(6V) = 0.71W
The thermal resistance will be in the range of 60°C/W to
86°C/W, depending on the copper area. So, the junction
temperature rise above ambient will be approximately
equal to:
0.71W(75°C/W) = 53.3°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature, or :
TJMAX = 50°C + 53.3°C = 103.3°C
Protection Features
The LT1763 regulators incorporate several protection
features which make them ideal for use in battery-powered
circuits. In addition to the normal protection features
associated with monolithic regulators, such as current
limiting and thermal limiting, the devices are protected
against reverse input voltages, reverse output voltages
and reverse voltages from output to input.
Current limit protection and thermal overload protection
are intended to protect the device against current overload
conditions at the output of the device. For normal operation,
the junction temperature should not exceed 125°C.
The input of the device will withstand reverse voltages of
20V. Current flow into the device will be limited to less
than 1mA (typically less than 100μA) and no negative
voltage will appear at the output. The device will protect
both itself and the load. This provides protection against
batteries which can be plugged in backward.
The output of the LT1763-X can be pulled below ground
without damaging the device. If the input is left open-circuit
or grounded, the output can be pulled below ground by
20V. For fixed voltage versions, the output will act like a
large resistor, typically 500k or higher, limiting current flow
to less than 100μA. For adjustable versions, the output
will act like an open circuit; no current will flow out of the
pin. If the input is powered by a voltage source, the output
will source the short-circuit current of the device and will
protect itself by thermal limiting. In this case, grounding
the SHDN pin will turn off the device and stop the output
from sourcing the short-circuit current.
The ADJ pin of the adjustable device can be pulled above
or below ground by as much as 7V without damaging the
device. If the input is left open-circuit or grounded, the
ADJ pin will act like an open circuit when pulled below
ground and like a large resistor (typically 100k) in series
with a diode when pulled above ground.
In situations where the ADJ pin is connected to a resistor
divider that would pull the ADJ pin above its 7V clamp
voltage if the output is pulled high, the ADJ pin input current
must be limited to less than 5mA. For example, a resistor
divider is used to provide a regulated 1.5V output from the
1.22V reference when the output is forced to 20V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com