Electronic Components Datasheet Search
  English  ▼

X  

176325 Datasheet(PDF) 20 Page - Linear Technology

Part # 176325
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

176325 Datasheet(HTML) 20 Page - Linear Technology

Back Button 176325 Datasheet HTML 12Page - Linear Technology 176325 Datasheet HTML 13Page - Linear Technology 176325 Datasheet HTML 14Page - Linear Technology 176325 Datasheet HTML 15Page - Linear Technology 176325 Datasheet HTML 16Page - Linear Technology 176325 Datasheet HTML 17Page - Linear Technology 176325 Datasheet HTML 18Page - Linear Technology 176325 Datasheet HTML 19Page - Linear Technology 176325 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT1763 Series
20
1763fe
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1999
LT 1008 REV E • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1120
125mA Low Dropout Regulator with 20μA IQ
Includes 2.5V Reference and Comparator
LT1121
150mA Micropower Low Dropout Regulator
30μA IQ, SOT-223 Package
LT1129
700mA Micropower Low Dropout Regulator
50μA Quiescent Current
LT1175
500mA Negative Low Dropout Micropower Regulator
45μA IQ, 0.26V Dropout Voltage, SOT-223 Package
LT1521
300mA Low Dropout Micropower Regulator with Shutdown
15μA IQ, Reverse Battery Protection
LT1529
3A Low Dropout Regulator with 50μA IQ
500mV Dropout Voltage
LT1613
1.4MHz Single-Cell Micropower DC/DC Converter
SOT-23 Package, Internally Compensated
LT1761 Series
100mA, Low Noise, Low Dropout Micropower Regulators in SOT-23
20μA Quiescent Current, 20μVRMS Noise, ThinSOT™
LT1762 Series
150mA, Low Noise, LDO Micropower Regulators
25μA Quiescent Current, 20μVRMS Noise, MS8
LT1764A
3A, Fast Transient Response Low Dropout Regulator
340mV Dropout Voltage, DD, TO220
LT1962
300mA, Fast Transient Response Low Dropout Regulator
270mV Dropout Voltage, 20μVRML, MS8
LT1963A
1.5A, Fast Transient Response Low Dropout Regulator
340mV Dropout Voltage, 40μVRML, DD, TO220, S8, SOT-223
LT3010
50mA, 80V Low Noise, LDO Micropower Regulator
300mV Dropout Voltage, MS8E
LT3021
500mA, Low Voltage, Very Low Dropout Linear Regulator
160mV Dropout Voltage, DFN-8 and SOIC-8 Packages
ThinSOT is a trademark of Linear Technology Corporation.
Paralleling of Regulators for Higher Output Current
C4
0.01μF
R1
0.1Ω
R2
0.1Ω
R5
10k
R4
2.2k
R7
1.21k
C2
10μF
1763 TA03
VIN > 3.8V
3.3V
1A
C5
0.01μF
8
1
3
2
4
C3
0.01μF
IN
SHDN
OUT
SENSE
BYP
GND
LT1763-3.3
IN
SHDN
OUT
BYP
ADJ
GND
LT1763
SHDN
+
C1
10μF
+
–
+
1/2 LT1490
R6
2k
R3
2.2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com