Electronic Components Datasheet Search
  English  ▼

X  

CE40U Datasheet(PDF) 5 Page - Adam Technologies, Inc.

Part # CE40U
Description  CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

CE40U Datasheet(HTML) 5 Page - Adam Technologies, Inc.

  CE40U Datasheet HTML 1Page - Adam Technologies, Inc. CE40U Datasheet HTML 2Page - Adam Technologies, Inc. CE40U Datasheet HTML 3Page - Adam Technologies, Inc. CE40U Datasheet HTML 4Page - Adam Technologies, Inc. CE40U Datasheet HTML 5Page - Adam Technologies, Inc. CE40U Datasheet HTML 6Page - Adam Technologies, Inc. CE40U Datasheet HTML 7Page - Adam Technologies, Inc. CE40U Datasheet HTML 8Page - Adam Technologies, Inc. CE40U Datasheet HTML 9Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
174
INTRODUCTION:
Adam Tech HDCE Series EISA (Extended Industry Standard
Architecture) Card Edge Connectors are .050" pitch 188 position dual
level contact connectors specifically designed to mate with AT, XT
and PC expansion cards. Our precision formed High Reliability
contact system is contained within a Hi-Temp PPS body which
features a close tolerance polarizing slot and card edge lead-in area
for superior mating.
FEATURES:
High density .050" Centerlines
Compatible with PC, XT & AT
Durable Long Life cycle contacts
High Pressure Contacts for Low Level Circuits
MATING PC BOARDS:
All .050" centerline printed circuit board pads with a thickness of
.062" to .072"
SPECIFICATIONS:
Material:
Standard insulator: PPS, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Dark Brown (Black optional)
Contacts: Phosphor Bronze
Contact Plating:
Gold Flash (30 µin Optional) over Nickel underplate on contact area,
tin over copper underplate on tails.
Electrical:
Operating voltage: 125V AC max.
Current rating: 3 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 7 oz max.
Withdrawal force: 0.9 oz min
Temperature Rating:
Operating temperature: -55°C to +105°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
HIGH DENSITY CARD EDGE
.050" [1.27] CENTERLINE
EISA CONNECTOR
HDCE SERIES
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
BK = Black color insulation
HT = Hi-Temp insulator for Hi-Temp soldering
processes up to 260°C
ORDERING INFORMATION
HDCE
188
G
SERIES INDICATOR
HDCE = EISA
Card Edge
Connector
POSITIONS
188
PLATING
G = Selectively gold
plated contacts
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com