Electronic Components Datasheet Search
  English  ▼

X  

CE40U Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # CE40U
Description  CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

CE40U Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  CE40U Datasheet HTML 1Page - Adam Technologies, Inc. CE40U Datasheet HTML 2Page - Adam Technologies, Inc. CE40U Datasheet HTML 3Page - Adam Technologies, Inc. CE40U Datasheet HTML 4Page - Adam Technologies, Inc. CE40U Datasheet HTML 5Page - Adam Technologies, Inc. CE40U Datasheet HTML 6Page - Adam Technologies, Inc. CE40U Datasheet HTML 7Page - Adam Technologies, Inc. CE40U Datasheet HTML 8Page - Adam Technologies, Inc. CE40U Datasheet HTML 9Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
170
INTRODUCTION:
Adam Tech CE Series Card Edge Connectors are precision
engineered PCB mount connectors developed to mate with the
plated fingers of a printed circuit daughter board. Their bifurcated,
cantilever contacts are set in a dual readout configuration and they
offer a reliable connection for a wide range of PCB thicknesses.
Adam Tech’s sturdy solder tails with tapers allow easy insertion and
rugged durability.
FEATURES:
.100" x .200" centerlines
Selectively gold plated contacts
Wide selection of positions
Compatible with a wide range of PCB thicknesses
MATING PC BOARDS:
All printed circuit boards with a thickness of .055" to .075"
SPECIFICATIONS:
Material:
Standard insulator: PBT, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Contact Plating:
Gold Flash (30 µin Optional) over Nickel underplate on contact area,
tin over copper underplate on tails.
Electrical:
Operating voltage: 250V AC max.
Current rating: 3 Amps max.
Contact resistance: 30 m
Ω max. initial
Insulation resistance: 3000 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 10 oz max.
Withdrawal force: 3 oz min
Temperature Rating:
Operating temperature: -40°C to +105°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
CARD EDGE CONNECTORS
.100" X .200" [2.54 X 5.08] CENTERLINE
CE SERIES
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
HT = Hi-Temp insulator for Hi-Temp soldering processes
up to 260°C
ORDERING INFORMATION
CE
98
U
CONTACT
PLATING:
U = Selectively
gold plated
contacts
SERIES INDICATOR
CE = Card Edge
Connector,
Vertical Mount
CERA = Card Edge
Connector,
Right Angle
Mount
POSITIONS
18, 30, 32, 36, 40, 44, 50, 56,
60, 62, 80, 98, 100
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - CE40U

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CE40U ADAM-TECH-CE40U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
More results

Similar Description - CE40U

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-34-VUA-LL ADAM-TECH-BHR-34-VUA-LL Datasheet
116Kb / 1P
.100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
.100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
CE98U ADAM-TECH-CE98U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
.100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com