Electronic Components Datasheet Search
  English  ▼

X  

CE40U Datasheet(PDF) 7 Page - Adam Technologies, Inc.

Part # CE40U
Description  CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

CE40U Datasheet(HTML) 7 Page - Adam Technologies, Inc.

  CE40U Datasheet HTML 1Page - Adam Technologies, Inc. CE40U Datasheet HTML 2Page - Adam Technologies, Inc. CE40U Datasheet HTML 3Page - Adam Technologies, Inc. CE40U Datasheet HTML 4Page - Adam Technologies, Inc. CE40U Datasheet HTML 5Page - Adam Technologies, Inc. CE40U Datasheet HTML 6Page - Adam Technologies, Inc. CE40U Datasheet HTML 7Page - Adam Technologies, Inc. CE40U Datasheet HTML 8Page - Adam Technologies, Inc. CE40U Datasheet HTML 9Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
176
PCI & MINI PCI EXPRESS
1.00mm & 0.8mm CARD EDGE CONNECTOR
PCIE SERIES
INTRODUCTION:
Adam Tech’s wide range of PCI & Mini PCI Express connectors
provide a low cost, highly scalable, general-purpose serial I/O
interconnect that provides a unifying standard for a number of I/O
solutions within one platform. They are typically used in high-speed
serial link technology applications similar to that found in Gigabit1
Ethernet, Serial ATA (SATA), and Serial-Attached SCSI (SAS). The
36P version supports a single PCI express lane and can be used to
replace standard PCI connectors. Our higher bandwidth 4 & 8 lane
versions are ideal to use in many server applications.
FEATURES:
Durable Long Life cycle contacts
High Pressure Contacts for Low Level Circuits
Hot plug and hot swap enabled
Rated to run at up to 2.5Gbps
Supports 2.5Gbps data transfer and scalable for future
band width increases.
Available in x1, x4, x8, and x16 configurations
Coexists with standard PCI
MATING PC BOARDS:
All printed circuit boards with a thickness of
.062" to .072"
SPECIFICATIONS:
Material:
Standard insulator: PPS, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Dark Brown
Contacts: Phosphor Bronze
Contact Plating:
Gold Flash (30 µin Optional) over Nickel underplate on contact area,
tin over copper underplate on tails.
Electrical:
Operating voltage: 125V AC max.
Current rating: 3 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 7 oz max.
Withdrawal force: 0.9 oz min
Temperature Rating:
Operating temperature: -55°C to +105°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
ORDERING INFORMATION
PCI EXPRESS
PCIE
98
SERIES INDICATOR
PCIE = PCI Express
Card Edge
connector
POSITIONS
36, 64, 98, 164
MOUNTING
1 = Thru-Hole PCB Tails
SM = Straddle Mount
1
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
HT = Hi-Temp insulator for Hi-Temp soldering processes
up to 260°C
LL = Latch option left side
LR = Latch option right side
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E
See pg. 177 for Available Types
ORDERING INFORMATION
MINI PCI EXPRESS
MPCI =



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com