Electronic Components Datasheet Search
  English  ▼

X  

KU4P Datasheet(PDF) 8 Page - Altech corporation

Part # KU4P
Description  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

KU4P Datasheet(HTML) 8 Page - Altech corporation

Back Button KU4P Datasheet HTML 4Page - Altech corporation KU4P Datasheet HTML 5Page - Altech corporation KU4P Datasheet HTML 6Page - Altech corporation KU4P Datasheet HTML 7Page - Altech corporation KU4P Datasheet HTML 8Page - Altech corporation KU4P Datasheet HTML 9Page - Altech corporation KU4P Datasheet HTML 10Page - Altech corporation KU4P Datasheet HTML 11Page - Altech corporation KU4P Datasheet HTML 12Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1L1
50.5 mm
71 mm
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Catalog Number
No. of Poles
General Purpose Current
Maximum Voltage
Motor FLA @ 480V AC
Motor FLA @ 600V AC
Horsepower Rating /HP
110-120V AC
200V AC
208V AC
220-240V AC
265V AC
277V AC
380-415V AC
440-480V AC
550-600V AC
Short Circuit Withstand Rating
at 600 V with Max. Fuse
Size/Class:
K5
RK5
RK1
J
Terminal Size Acceptability
(Cu Conductors only, 75°C)
Terminal Torque
Dimensions
(to convert to inches
multiply by 0.03937)
Weight
Suitable Accessories
Cover Plate
The KUE series only
requires an additional
cover plate (see
below) which makes
the switch IP20 touch
proof.
KUE325
3
25A
600V AC
17.5A
11A
1 Phase
3 Phase
12
25
25
37.5
3
7.5
37.5
510
7.5
15
510
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
0.172Kg (0.379lb.)
KUE340
3
40A
600V AC
28A
18A
1 Phase
3 Phase
23
37.5
37.5
510
5
10
510
7.5
15
10
20
7.5
15
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
0.172Kg (0.379lb.)
KUE363
3
60A
600V AC
34A
27A
1 Phase
3 Phase
35
510
510
510
5
10
7.5
10
10
20
15
25
15
25
10kA
60A
60A (80A@480V AC)
100A
100A
12-4AWG
16 lb. in.
0.172Kg (0.379lb.)
Toggle Handle Motor Disconnect Switch
Cat. No.
K/KUE
K/KUE Y
R/KUE
R/KUE Y
Color
Grey
Yellow
Grey
Yellow
Shape
Rectangular
Rectangular
Circular
Circular
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com