Electronic Components Datasheet Search
  English  ▼

X  

KU4P Datasheet(PDF) 3 Page - Altech corporation

Part # KU4P
Description  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

KU4P Datasheet(HTML) 3 Page - Altech corporation

  KU4P Datasheet HTML 1Page - Altech corporation KU4P Datasheet HTML 2Page - Altech corporation KU4P Datasheet HTML 3Page - Altech corporation KU4P Datasheet HTML 4Page - Altech corporation KU4P Datasheet HTML 5Page - Altech corporation KU4P Datasheet HTML 6Page - Altech corporation KU4P Datasheet HTML 7Page - Altech corporation KU4P Datasheet HTML 8Page - Altech corporation KU4P Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
82 mm
67 mm
53 mm
69 mm
20 mm
Ø4.5 mm
15
mm
79 mm
82 mm
67 mm
53 mm
89 mm
20 mm
Ø4.5 mm
15
mm
99 mm
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
VKA380N
3 (4 pole - VKA480N)
80A
600V AC
–
47A
1 Phase
3 Phase
37.5
7.5
10
7.5
15
7.5
15
10
20
1020
15
25
20
30
25
40
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
0.620Kg (1.367lb.) (4 pole)
L1(2.3)00AD11-ST
LK10(Y/R)UL,LK11(Y/R)U
VKA1.V, VKA2.V
–
K/VKA3-4P (Y/R)
OKA/V LK11 (Y/R)
Catalog Number
No. of Poles
General Purpose Current
Maximum Voltage
Motor FLA @ 480V AC
Motor FLA @ 600V AC
Horsepower Rating /HP
110-120V AC
200V AC
208V AC
220-240V AC
265V AC
277V AC
380-415V AC
440-480V AC
550-600V AC
Short Circuit Withstand Rating
at 600 V with Max. Fuse
Size/Class:
K5
RK5
RK1
J
Terminal Size Acceptability
(Cu Conductors only, 75°C)
Terminal Torque
Dimensions
(to convert to inches
multiply by 0.03937)
Weight
Suitable Accessories
Extended Handle Version/
Door Interlock Mechanism
Shaft
Handles
Auxiliary Switch
Fuse Holder
Direct Handle Version
Handle for 3 & 4 Pole
Door Mounting Kit
VKA3100N
3 (4 pole - VKA4100N)
100A
600V AC
–
54A
1 Phase
3 Phase
37.5
7.5
15
7.5
15
10
20
10
20
1020
15
30
20
40
30
50
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
0.620Kg (1.367lb.) (4 pole)
L1(2.3)00AD11-ST
LK10(Y/R)UL,LK11(Y/R)U
VKA1.V, VKA2.V
–
K/VKA3-4P (Y/R)
OKA/V LK11 (Y/R)
VKA3125N
3 (4 pole - VKA4125N)
125A
600V AC
–
68A
1 Phase
3 Phase
510
10
20
10
20
15
25
15
25
1530
20
40
25
50
30
60
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
0.620Kg (1.367lb.) (4 pole)
L1(2.3)00AD11-ST
LK10(Y/R)UL,LK11(Y/R)U
VKA1.V, VKA2.V
–
K/VKA3-4P (Y/R)
OKA/V LK11 (Y/R)
VKA3160N
3 (4 pole - VKA4160N)
150A
600V AC
–
83A
1 Phase
3 Phase
7.5
10
10
25
10
25
15
30
20
30
20
30
25
50
30
60
40
75
10kA
150A
150A
–
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
0.620Kg (1.367lb.) (4 pole)
L1(2.3)00AD11-ST
LK10(Y/R)UL,LK11(Y/R)U
VKA1.V, VKA2.V
–
K/VKA3-4P (Y/R)
OKA/V LK11 (Y/R)
3 Pole
4 Pole
Extended/Direct Handle Motor Disconnect Switch
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com