Electronic Components Datasheet Search
  English  ▼

X  

KU4P Datasheet(PDF) 10 Page - Altech corporation

Part # KU4P
Description  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

KU4P Datasheet(HTML) 10 Page - Altech corporation

Back Button KU4P Datasheet HTML 6Page - Altech corporation KU4P Datasheet HTML 7Page - Altech corporation KU4P Datasheet HTML 8Page - Altech corporation KU4P Datasheet HTML 9Page - Altech corporation KU4P Datasheet HTML 10Page - Altech corporation KU4P Datasheet HTML 11Page - Altech corporation KU4P Datasheet HTML 12Page - Altech corporation KU4P Datasheet HTML 13Page - Altech corporation KU4P Datasheet HTML 14Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Black Handle
Yellow/ Red Handle
No. of Poles
General Purpose Current
Maximum Voltage
Motor FLA @ 480V AC
Motor FLA @ 600V AC
Horsepower Rating /HP
110-120V AC
200V AC
208V AC
220-240V AC
265V AC
277V AC
380-415V AC
440-480V AC
550-600V AC
Short Circuit Withstand Rating
at 600 V with Max. Fuse
Size/Class:
K5
RK5
RK1
J
Terminal Size Acceptability
(Cu Conductors only, 75°C)
Terminal Torque
Environmental Rating
Enclosure Type Used
Dimensions
Weight
Suitable Accessories
Auxiliary Contacts
KEM325UL
KEM325UL Y/R
3*
25A
600V AC
17.5A
11A
1 Phase
3 Phase
12
25
25
3
7.5
37.5
37.5
5
10
7.5
15
510
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
NEMA Type 4X
U2
0.49kg (1.08 lb.)
KU1.V, KU2.V
KEM340UL
KEM340UL Y/R
3*
40A
600V AC
28A
18A
1 Phase
3 Phase
23
37.5
37.5
5
10
510
510
7.5
15
10
20
7.5
15
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
NEMA Type 4X
U3
0.72kg (1.587 lb.)
KU1.V, KU2.V
KEM360UL
KEM360UL Y/R
3*
60A
600V AC
34A
27A
1 Phase
3 Phase
35
510
510
5
10
510
7.5
10
10
20
15
25
15
25
10kA
60A
60A (80A@480V AC)
100A
100A
12-4AWG
16 lb. in.
NEMA Type 4X
U3
0.773kg (1.698 lb.)
KU1.V, KU2.V
KEM380UL
KEM380UL Y/R
3*
80A
600V AC
–
47A
1 Phase
3 Phase
37.5
7.5
10
7.5
15
7.5
15
10
20
10
20
15
25
20
30
25
40
10kA
150A
150A
—
200A
4-1/0AWG
50 lb. in.
NEMA Type 4X
U3
1.021kg (2.249 lb.)
VKA1.V, VKA2.V
These enclosed
switches can be used
locally at the motor.
Catalog Number
Enclosed Motor Disconnect Switch
12
(to convert to inches
multiply by 0.03937)
U3
U2
96.4 mm
106 mm
Accesos (opcionales)
Ø20/25
84 mm
131 mm
96 mm
144 mm
132 mm
Accesos (opcionales)
Ø25/32
Ø20
*Also available in 4 pole models. Contact Altech for part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com