Electronic Components Datasheet Search
  English  ▼

X  

LT1801CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1801CS8
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1801CS8 Datasheet HTML 4Page - Linear Technology LT1801CS8 Datasheet HTML 5Page - Linear Technology LT1801CS8 Datasheet HTML 6Page - Linear Technology LT1801CS8 Datasheet HTML 7Page - Linear Technology LT1801CS8 Datasheet HTML 8Page - Linear Technology LT1801CS8 Datasheet HTML 9Page - Linear Technology LT1801CS8 Datasheet HTML 10Page - Linear Technology LT1801CS8 Datasheet HTML 11Page - Linear Technology LT1801CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1801/LT1802
18012fb
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the temperature range
of – 40
°C < TA < 85°C. VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 5)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1801C/LT1801I and LT1802C/LT1802I are guaranteed
functional over the temperature range of – 40
°C to 85°C.
Note 5: The LT1801C/LT1802C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1801C/LT1802C are designed,
characterized and expected to meet specified performance from
–40
°C to 85°C but are not tested or QA sampled at these temperatures.
The LT1801I/LT1802I are guaranteed to meet specified performance from
–40
°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
Note 9: Matching parameters are the difference between amplifiers A
and D and between B and C on the LT1802; between the two amplifiers
on the LT1801.
Note 10: Thermal resistance (
θJA) varies with the amount of PC board
metal connected to the package. The specified values are for short traces
connected to the leads. If desired, the thermal resistance can be
substantially reduced by connecting Pin 4 of the SO-8 and MS8, Pin 11 of
the SO-14 or the underside metal of the DD package to a larger metal area
(VS– trace).
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS TC
Input Offset Voltage Drift (Note 8)
●
1.5
5
µV/°C
IB
Input Bias Current
VCM = VS– + 1V
●
50
400
nA
VCM = VS
+ – 0.2V
●
450
2250
nA
Input Bias Current Match
VCM = VS
– + 1V
●
25
450
nA
(Channel-to-Channel) (Note 9)
VCM = VS+ – 0.2V
●
25
700
nA
IOS
Input Offset Current
VCM = VS– + 1V
●
25
350
nA
VCM = VS+ – 0.2V
●
25
350
nA
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
●
12.5
55
V/mV
VO = –1V to 1V, RL = 100Ω
●
2
5
V/mV
CMRR
Common Mode Rejection Ratio
VCM = VS– to 3.5V
●
81
104
dB
CMRR Match (Channel-to-Channel) (Note 9)
VCM = VS– to 3.5V
●
75
104
dB
Input Common Mode Range
●
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS+ = 2.5V to 10V, VS– = 0V
●
73
90
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS+ = 2.5V to 10V, VS– = 0V
●
67
90
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
●
20
100
mV
ISINK = 5mA
●
110
275
mV
ISINK = 10mA
●
180
400
mV
VOH
Output Voltage Swing High (Note 7)
No Load
●
30
110
mV
ISOURCE = 5mA
●
150
350
mV
ISOURCE = 10mA
●
300
700
mV
ISC
Short-Circuit Current
●
12.5
30
mA
IS
Supply Current per Amplifier
●
2.6
4.5
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
●
65
MHz
SR
Slew Rate
AV = – 1, RL = 1k, VO = ±4V,
●
15
V/
µs
Measured at VO = ±2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com