Electronic Components Datasheet Search
  English  ▼

X  

LT1801CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1801CS8
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1801CS8 Datasheet HTML 6Page - Linear Technology LT1801CS8 Datasheet HTML 7Page - Linear Technology LT1801CS8 Datasheet HTML 8Page - Linear Technology LT1801CS8 Datasheet HTML 9Page - Linear Technology LT1801CS8 Datasheet HTML 10Page - Linear Technology LT1801CS8 Datasheet HTML 11Page - Linear Technology LT1801CS8 Datasheet HTML 12Page - Linear Technology LT1801CS8 Datasheet HTML 13Page - Linear Technology LT1801CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1801/LT1802
18012fb
TYPICAL PERFOR A CE CHARACTERISTICS
Open-Loop Gain
Open-Loop Gain
Offset Voltage vs Output Current
Warm-Up Drift vs Time
Open-Loop Gain
Output Short-Circuit Current
vs Power Supply Voltage
Input Noise Voltage vs Frequency
POWER SUPPLY VOLTAGE (
±V)
1.5
–70
–50
–30
–10
70
30
2
3
3.5
5
50
10
–60
–40
–20
60
20
40
0
2.5
4
4.5
TA = 125°C
TA = 125°C
TA = –55°C
SINKING
SOURCING
TA = –55°C
TA = 25°C
TA = 25°C
18012 G10
OUTPUT VOLTAGE (V)
0
–2000
–1200
–400
400
0.5
1
1.5
2
18012 G11
2.5
1200
2000
–1600
–800
0
800
1600
3
VS = 3V, 0V
RL TO GND
RL = 1k
RL = 100Ω
OUTPUT VOLTAGE (V)
0
400
1200
2000
4
18012 G12
–400
–1200
0
800
1600
–800
–1600
–2000
1
0.5
2
1.5
3
3.5
4.5
2.5
5
VS = 5V, 0V
RL TO GND
RL = 1k
RL = 100Ω
OUTPUT VOLTAGE (V)
–5
400
1200
2000
3
18012 G13
–400
–1200
0
800
1600
–800
–1600
–2000
–3
–4
–1
–2
12
4
0
5
VS = ±5V
RL TO GND
RL = 1k
RL = 100Ω
OUTPUT CURRENT (mA)
–60
0
1.0
60
18012 G14
–1.0
–2.0
–30
0
30
–45
–15
15
45
2.0
–0.5
0.5
–1.5
1.5
VS = ±5V
TA = 125°C
TA = –55°C
TA = 25°C
TIME AFTER POWER-UP (SECONDS)
0
110
60
18012 G15
80
60
20
40
80
50
40
120
100
90
70
100
120
140
VS = ±5V
VS = ±2.5V
VS = ±1.5V
TYPICAL PART
FREQUENCY (kHz)
20
40
60
10
30
50
0.01
1
10
100
18012 G16
0
0.1
VS = 5V, 0V
NPN ACTIVE
VCM = 4.25V
PNP ACTIVE
VCM = 2.5V
Minimum Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
–0.6
–0.4
0
0.2
0.4
2
3
3.5
5.5
18012 G09
–0.2
1.5
2.5
4
4.5
5
0.6
TA = 125°C
TA = –55°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com