Electronic Components Datasheet Search
  English  ▼

X  

LT1801CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1801CS8
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1801CS8 Datasheet HTML 10Page - Linear Technology LT1801CS8 Datasheet HTML 11Page - Linear Technology LT1801CS8 Datasheet HTML 12Page - Linear Technology LT1801CS8 Datasheet HTML 13Page - Linear Technology LT1801CS8 Datasheet HTML 14Page - Linear Technology LT1801CS8 Datasheet HTML 15Page - Linear Technology LT1801CS8 Datasheet HTML 16Page - Linear Technology LT1801CS8 Datasheet HTML 17Page - Linear Technology LT1801CS8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1801/LT1802
18012fb
APPLICATIO S I FOR ATIO
Circuit Description
The LT1801/LT1802 have an input and output signal range
that covers from the negative power supply to the positive
power supply. Figure 1 depicts a simplified schematic of
the amplifier. The input stage is comprised of two differ-
ential amplifiers, a PNP stage Q1/Q2 and an NPN stage Q3/
Q4 that are active over the different ranges of common
mode input voltage. The PNP differential pair is active
between the negative supply to approximately 1.2V below
the positive supply. As the input voltage moves closer
toward the positive supply, the transistor Q5 will steer the
tail current I1 to the current mirror Q6/Q7, activating the
NPN differential pair and the PNP pair becomes inactive
for the rest of the input common mode range up to the
positive supply. Also at the input stage, devices Q17 to
Q19 act to cancel the bias current of the PNP input pair.
When Q1-Q2 are active, the current in Q16 is controlled to
be the same as the current in Q1-Q2, thus the base current
of Q16 is nominally equal to the base current of the input
devices. The base current of Q16 is then mirrored by
devices Q17-Q19 to cancel the base current of the input
devices Q1-Q2.
A pair of complementary common emitter stages Q14/
Q15 that enable the output to swing from rail to rail
constructs the output stage. The capacitors C2 and C3
form the local feedback loops that lower the output imped-
ance at high frequency. These devices are fabricated on
Linear Technology’s proprietary high speed complemen-
tary bipolar process.
Power Dissipation
The LT1801 amplifier is offered in a small package, SO-8,
which has a thermal resistance of 190
°C/W, θJA. So there
is a need to ensure that the die’s junction temperature
should not exceed 150
°C. Junction temperature TJ is
calculated from the ambient temperature TA, power dissi-
pation PD and thermal resistance θJA:
TJ = TA + (PD • θJA)
The power dissipation in the IC is the function of the supply
voltage, output voltage and the load resistance. For a given
supply voltage, the worst-case power dissipation PDMAX
occurs at the maximum supply current and the output
Figure 1. LT1801/LT1802 Simplified Schematic Diagram
Q4
Q18
Q17
Q16
Q6
Q3
Q7
Q10
Q1
Q13
Q15
OUT
Q2
Q11
Q12
Q9
Q5
VBIAS
I1
D2
D1
D5
D4
D3
D6
D7
D8
ESDD2
ESDD1
+IN
–IN
V–
ESDD3
ESDD4
V+
V+
V–
Q8
R2
R1
R3
R4
R5
Q14
18012 F01
+
I2
+
I3
C2
CC
V–
+
C1
BUFFER
AND
OUTPUT BIAS
V+
V–
Q19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com