Electronic Components Datasheet Search
  English  ▼

X  

LT1936 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1936
Description  1.4A, 500kHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1936 Datasheet(HTML) 1 Page - Linear Technology

  LT1936 Datasheet HTML 1Page - Linear Technology LT1936 Datasheet HTML 2Page - Linear Technology LT1936 Datasheet HTML 3Page - Linear Technology LT1936 Datasheet HTML 4Page - Linear Technology LT1936 Datasheet HTML 5Page - Linear Technology LT1936 Datasheet HTML 6Page - Linear Technology LT1936 Datasheet HTML 7Page - Linear Technology LT1936 Datasheet HTML 8Page - Linear Technology LT1936 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1936
1
1936fd
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.4A, 500kHz Step-Down
Switching Regulator
The LT®1936 is a current mode PWM step-down DC/DC
converter with an internal 1.9A power switch, packaged
in a tiny, thermally enhanced 8-lead MSOP. The wide in-
put range of 3.6V to 36V makes the LT1936 suitable for
regulating power from a wide variety of sources, including
automotive batteries, 24V industrial supplies and unregu-
lated wall adapters. Its high operating frequency allows the
use of small, low cost inductors and ceramic capacitors,
resulting in low, predictable output ripple.
Cycle-by-cycle current limit, frequency foldback and
thermal shutdown provide protection against shorted
outputs, and soft-start eliminates input current surge
during start-up. Transient response can be optimized by
using external compensation components, or board space
can be minimized by using internal compensation. The
low current (<2μA) shutdown mode enables easy power
management in battery-powered systems.
■
Wide Input Range: 3.6V to 36V
■
Short-Circuit Protected Over Full Input Range
■
1.9A Guaranteed Minimum Switch Current
■
5V at 1.4A from 10V to 36V Input
■
3.3V at 1.4A from 7V to 36V Input
■
5V at 1.2A from 6.3V to 36V Input
■
3.3V at 1.2A from 4.5V to 36V Input
■
Output Adjustable Down to 1.20V
■
500kHz Fixed Frequency Operation
■
Soft-Start
■
Uses Small Ceramic Capacitors
■
Internal or External Compensation
■
Low Shutdown Current: <2μA
■
Thermally Enhanced 8-Lead MSOP Package
■
Automotive Battery Regulation
■
Industrial Control Supplies
■
Unregulated Wall Adapters
3.3V Step-Down Converter
Efficiency
VIN
4.5V TO 36V
ON OFF
0.22μF
10μH
17.4k
22μF
1936 TA01a
4.7μF
VOUT
3.3V
1.2A
VIN BOOST
VC
GND
COMP
FB
LT1936
SHDN
SW
10k
LOAD CURRENT (A)
0
65
70
75
80
85
95
0.5
1
1936 TA01b
1.5
90
VOUT = 5V
VIN = 12V
VOUT = 3.3V
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LT1936

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936 LINER-LT1936 Datasheet
350Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
More results

Similar Description - LT1936

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
4.5A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
Dual Monolithic 1.4A Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
4.5A, 500KHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
Dual Monolithic 1.4A Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com