Electronic Components Datasheet Search
  English  ▼

X  

LT1936 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1936
Description  1.4A, 500kHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1936 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1936 Datasheet HTML 9Page - Linear Technology LT1936 Datasheet HTML 10Page - Linear Technology LT1936 Datasheet HTML 11Page - Linear Technology LT1936 Datasheet HTML 12Page - Linear Technology LT1936 Datasheet HTML 13Page - Linear Technology LT1936 Datasheet HTML 14Page - Linear Technology LT1936 Datasheet HTML 15Page - Linear Technology LT1936 Datasheet HTML 16Page - Linear Technology LT1936 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1936
13
1936fd
APPLICATIONS INFORMATION
RC time constant, the peak start-up current can be reduced
to the current that is required to regulate the output, with
no overshoot. Choose the value of the resistor so that it
can supply 60μA when the SHDN pin reaches 2.3V.
Shorted and Reversed Input Protection
If the inductor is chosen so that it won’t saturate exces-
sively, an LT1936 buck regulator will tolerate a shorted
output. There is another situation to consider in systems
where the output will be held high when the input to the
LT1936 is absent. This may occur in battery charging ap-
plications or in battery backup systems where a battery
or some other supply is diode OR-ed with the LT1936’s
output. If the VIN pin is allowed to float and the SHDN pin
is held high (either by a logic signal or because it is tied
to VIN), then the LT1936’s internal circuitry will pull its
quiescent current through its SW pin. This is fine if your
system can tolerate a few mA in this state. If you ground
Figure 5. To Soft-Start the LT1936, Add a Resistor and Capacitor to the SHDN Pin.
VIN = 12V, VOUT = 3.3V, COUT = 2 × 22μF, RLOAD = 3.3Ω
Figure 4. The Minimum Input Voltage Depends on Output Voltage, Load Current and Boost Circuit
Minimum Input Voltage VOUT = 3.3V
Minimum Input Voltage VOUT = 5V
LOAD CURRENT (mA)
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
10
TO START
TO RUN
100
1000
1936 F04a
VOUT = 3.3V
TA = 25°C
L = 10μH
LOAD CURRENT (mA)
1
6
7
1936 F04b
5
4
10
100
1000
8
TO START
VOUT = 5V
TA = 25°C
L = 15μH
TO RUN
RUN
RUN
5V/DIV
IIN
500mA/DIV
50μs/DIV
VOUT
5V/DIV
RUN
5V/DIV
IIN
500mA/DIV
VOUT
5V/DIV
SHDN
GND
1936 F05a
0.5ms/DIV
1936 F05b
RUN
15k
0.22μF
SHDN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com