Electronic Components Datasheet Search
  English  ▼

X  

LT1936 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1936
Description  1.4A, 500kHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1936 Datasheet(HTML) 4 Page - Linear Technology

  LT1936 Datasheet HTML 1Page - Linear Technology LT1936 Datasheet HTML 2Page - Linear Technology LT1936 Datasheet HTML 3Page - Linear Technology LT1936 Datasheet HTML 4Page - Linear Technology LT1936 Datasheet HTML 5Page - Linear Technology LT1936 Datasheet HTML 6Page - Linear Technology LT1936 Datasheet HTML 7Page - Linear Technology LT1936 Datasheet HTML 8Page - Linear Technology LT1936 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1936
4
1936fd
INPUT VOLTAGE (V)
0
1.0
1.2
1.4
1.6
1.8
10
20
515
25
1936 G04
30
VOUT = 5V
L = 15μH
L = 10μH
INPUT VOLTAGE (V)
0
1.0
1.2
1.4
1.6
1.8
10
20
515
25
1936 G05
30
VOUT = 3.3V
L = 6.8μH
L = 10μH
SWITCH CURRENT (A)
0
0
100
200
300
400
600
0.5
1.0
1936 G06
1.5
500
TA = –45°C
TA = 85°C
TA = 25°C
TEMPERATURE (°C)
1.185
1.195
1.210
1936 G07
1.190
1.205
1.200
–50 –25
0
25
50
75
100
150
125
TEMPERATURE (°C)
–50
3.0
3.2
3.4
3.6
3.8
–25
0
25
50
1936 G08
75
100
150
125
TEMPERATURE (°C)
–50
400
450
500
550
600
–25
0
25
50
1936 G09
75
100
150
125
FB PIN VOLTAGE (V)
0
700
TA = 25°C
600
500
400
300
200
100
0
1936 G10
0.5
1.0
1.5
SHDN PIN VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
TA = 25°C
DC = 30%
12
3
4
1936 G11
SHDN PIN VOLTAGE (V)
0
0
50
100
150
200
48
1936 G12
12
16
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Load Current
Maximum Load Current
Switch Voltage Drop
Feedback Voltage
Undervoltage Lockout
Switching Frequency
Frequency Foldback
Soft-Start
SHDN Pin Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com