Electronic Components Datasheet Search
  English  ▼

X  

TC32M Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC32M
Description  ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC32M Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC32M Datasheet HTML 1Page - TelCom Semiconductor, Inc TC32M Datasheet HTML 2Page - TelCom Semiconductor, Inc TC32M Datasheet HTML 3Page - TelCom Semiconductor, Inc TC32M Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-3
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ECONOMONITOR™ – 3-PIN SYSTEM SUPERVISOR WITH POWER
SUPPLY MONITOR AND WATCHDOG
VDD
VREF2
VREF1
TC32M
WATCHDOG
TIMER
RS
GND
∆V
DETECTOR
DELAY
TIMER
TC32M
FEATURES
s
Incorporates the Functionality of the Industry
Standard TC1232 (Processor Monitor, Watchdog
and Manual Override RESET Controller) into a
Small, Lower Cost Package
s
Guards Against Unstable Processor Operation
Resulting from Power "Brown-Out"
s
Automatically Halts and Restarts an Out-of-
Control Microprocessor
s
Output can be Wire-ORed, or Hooked to Manual
RESET Push-button Switch
s
Space-Saving 3-Pin TO-92 or SOT-223 Package
APPLICATIONS
s
All Microprocessor-Based Systems
s
Battery Powered Computers and Controllers
s
Automotive Systems
s
Intelligent Instruments
s
Critical Processor Monitoring
s
Embedded Controllers
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC32MCDB
SOT-223
0
°C to +70°C
TC32MCZB
TO-92
0
°C to +70°C
TC32MEDB
SOT-223
– 40
°C to +85°C
TC32MEZB
TO-92
– 40
°C to +85°C
PIN CONFIGURATIONS
1
1
2
4
3
23
GND
TC32MCDB
TC32MEDB
TC32MCZB
TC32MEZB
VDD
VDD
RS
FUNCTIONAL BLOCK DIAGRAM
TO-92
SOT-223
TYPICAL OPERATING CIRCUIT
TC32M-2 9/26/96
5V
RESET
PO.1
RESET
MICRO-
CONTROLLER
R2,10k
MICROCONTROLLER EXAMPLE
RS
TC32M
R1, 10k
GENERAL DESCRIPTION
The TC32M is a fully-integrated processor supervisor in
a 3-pin package. It provides three important functions to
safeguard processor sanity: precision power on/off RESET
control, watchdog timer and external RESET override.
On power-up, the TC32M holds the processor in the
reset state for a minimum of 500msec after VDD is within
tolerance to ensure a stable system start-up. Microproces-
sor sanity is monitored by the on-board watchdog circuit.
The microprocessor must provide a high-to-low level shift
(through an external resistor divider) on the RS pin of the
TC32M. Should the processor fail to supply this signal within
the specified timeout period (typically 700msec), an out-of-
control processor is indicated and the TC32M issues a
processor reset as a result.
The output of the TC32M can be wire-ORed with a push-
button switch (or electronic signal) to override the TC32M
and unconditionally reset the processor. When connected to
a push-button switch, the TC32M provides contact debounce.
The TC32M is packaged in a space-saving TO-92
or SOT-223 package. It provides all of the functionality of the
industry standard TC1232 in a smaller, lower cost configu-
ration.


Similar Part No. - TC32M

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC32M MICROCHIP-TC32M Datasheet
450Kb / 12P
ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2002
logo
Advanced Crystal Techno...
TC32M00001FABNEXXSC-PF ACT-TC32M00001FABNEXXSC-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FABNEXXSD-PF ACT-TC32M00001FABNEXXSD-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FABNEXXSL-PF ACT-TC32M00001FABNEXXSL-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FAINEXXSC-PF ACT-TC32M00001FAINEXXSC-PF Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
More results

Similar Description - TC32M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Microchip Technology
TC32M MICROCHIP-TC32M Datasheet
450Kb / 12P
ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2002
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
3-Pin Microcontroller Power Supply Supervisor
logo
Microchip Technology
TC32M MICROCHIP-TC32M_06 Datasheet
253Kb / 12P
ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2006
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
A1 PROs co., Ltd.
IMP809 A1PROS-IMP809 Datasheet
170Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
1998
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com