Electronic Components Datasheet Search
  English  ▼

X  

TC32M Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC32M
Description  ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC32M Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC32M Datasheet HTML 1Page - TelCom Semiconductor, Inc TC32M Datasheet HTML 2Page - TelCom Semiconductor, Inc TC32M Datasheet HTML 3Page - TelCom Semiconductor, Inc TC32M Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-5
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC32M
RS
VIL
VIH
V
DD
V
RST
t
RST
t
RPD
Figure 3. Power Up / Down Reset Timing
Figure 1. Watchdog Strobe
Figure 2. RS Pulled Low by Push-button Reset
PB CLOSED
PB OPEN
RS
VIH
tRST
VIL
VSTL (MAX)
tST
tTD
RS
Note: tTD is the maximum elapsed time between strobes which
will keep the watchdog timer from forcing RS LOW.
(A
STROBE is defined as a high-to-low transition from VSTH to VSTL).
V
STH (MIN)
V
STL (MIN)
Pin No.
Symbol
Description
1
GND
Ground.
2VDD
The +5V power supply input.
3
RS
RESET/STROBE (Bidirectional). The open drain goes active if:
1. VDD falls below 4.5V nominal.
2. If pulled low by an external electronic signal or switch closure.
3. If the watchdog is not strobed within the minimum watchdog timeout period.
4. During power-up and power-down.
In the input mode, RS connects to a voltage level shift network (typically a resistor divider
to VDD.) The watchdog timer is reset when processor causes a voltage level ≤ VSTL to be
applied to RS.
4VDD
The +5V power supply input. (SOT-223 only).
PIN DESCRIPTION
ECONOMONITOR™ – 3-PIN SYSTEM SUPERVISOR
WITH POWER SUPPLY MONITOR AND WATCHDOG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com