Electronic Components Datasheet Search
  English  ▼

X  

TC4468CPD Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC4468CPD
Description  LOGIC-INPUT CMOS QUAD DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4468CPD Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TC4468CPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4-267
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
LOGIC-INPUT CMOS
QUAD DRIVERS
TC4467
TC4468
TC4469
TYPICAL CHARACTERISTICS (Cont.)
140
120
100
80
60
40
20
0
19
10
V
(V)
DRIVE
23
4
5
6
7
8
INPUT FALLING
t
t
INPUT RISING
V
= 12V
DD
D1
D2
Input Amplitude vs. Delay Times
70
20
100
120
TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
30
40
50
60
V
= 17.5V
C
= 470 pF
V
= 0, 5V
DD
LOAD
IN
t
tD1
D2
Propagation Delay Times vs. Temperature
–60
0
4
0.5
1.0
1.5
2.0
2.5
6
8
10
12
14
16
18
VSUPPLY (V)
Quiescent Supply Current vs. Supply Voltage
3.5
0
100
120
T
(
°C)
–40
–20
0
20
40
60
80
3.0
2.5
2.0
1.5
1.0
0.5
V
= 17.5V
DD
OUTPUTS HIGH
OUTPUTS LOW
JUNCTION
Quiescent Supply Current vs. Temperature
–60
0
4
6
8
10
12
141618
V
SUPPLY
(V)
5
10
15
20
25
30
35
T = +150
°C
T = +25
°C
J
High-State Output Resistance
J
0
4
6
8
10
12
14
16
18
5
10
15
20
25
30
35
T = +150
°C
T = +25
°C
J
J
Low-State Output Resistance
V
SUPPLY
(V)
OUTPUTS = 1
OUTPUTS = 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com