Electronic Components Datasheet Search
  English  ▼

X  

TC4468CPD Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC4468CPD
Description  LOGIC-INPUT CMOS QUAD DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4468CPD Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC4468CPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4-264
TELCOM SEMICONDUCTOR, INC.
LOGIC-INPUT CMOS
QUAD DRIVERS
TC4467
TC4468
TC4469
Three components make up total package power
dissipation:
(1) Load-caused dissipation (PL)
(2) Quiescent power (PQ)
(3) Transition power (PT).
A capacitive-load-caused dissipation (driving MOSFET
gates), is a direct function of frequency, capacitive load, and
supply voltage. The power dissipation is:
PL = f C VS
2,
where: f = Switching frequency
C = Capacitive load
VS = Supply voltage.
A resistive-load-caused dissipation for ground-refer-
enced loads is a function of duty cycle, load current, and
load voltage. The power dissipation is:
PL = D (VS – VL) IL,
where: D = Duty cycle
VS = Supply voltage
VL = Load voltage
IL = Load current.
A resistive-load-caused dissipation for supply-refer-
enced loads is a function of duty cycle, load current, and
output voltage. The power dissipation is:
PL = D VO IL,
where: f = Switching frequency
VO = Device output voltage
IL = Load current.
Quiescent power dissipation depends on input signal
duty cycle. Logic HIGH outputs result in a lower power
dissipation mode, with only 0.6 mA total current drain (all
devices driven). Logic LOW outputs raise the current to 4 mA
maximum. The quiescent power dissipation is:
PQ = VS (D (IH) + (1–D)IL),
where: IH = Quiescent current with all outputs LOW
(4 mA max)
IL = Quiescent current with all outputs HIGH
(0.6 mA max)
D = Duty cycle
VS =Supply voltage.
Supply Bypassing
Large currents are required to charge and discharge
large capacitive loads quickly. For example, charging a
1000 pF load to 18V in 25nsec requires 0.72A from the
device's power supply.
To guarantee low supply impedance over a wide fre-
quency range, a 1
µF film capacitor in parallel with one or two
low-inductance 0.1
µF ceramic disk capacitors with short
lead lengths (<0.5 in.) normally provide adequate bypass-
ing.
Grounding
The TC4467 and TC4469 contain inverting drivers.
Potential drops developed in common ground impedances
from input to output will appear as negative feedback and
degrade switching speed characteristics. Instead, individual
ground returns for input and output circuits, or a ground
plane, should be used.
Input Stage
The input voltage level changes the no-load or quies-
cent supply current. The N-channel MOSFET input stage
transistor drives a 2.5 mA current source load. With logic "0"
outputs, maximum quiescent supply current is 4 mA. Logic
"1" output level signals reduce quiescent current to 1.4 mA
maximum. Unused driver inputs must be connected to VDD
or VSS. Minimum power dissipation occurs for logic "1"
outputs.
The drivers are designed with 50 mV of hysteresis. This
provides clean transitions and minimizes output stage cur-
rent spiking when changing states. Input voltage thresholds
are approximately 1.5V, making any voltage greater than
1.5V up to VDD a logic 1 input . Input current is less than 1 µA
over this range.
Power Dissipation
The supply current versus frequency and supply current
versus capacitive load characteristic curves will aid in deter-
mining power dissipation calculations. TelCom Semicon-
ductor's CMOS drivers have greatly reduced quiescent DC
power consumption.
Input signal duty cycle, power supply voltage and load
type, influence package power dissipation. Given power
dissipation and package thermal resistance, the maximum
ambient operating temperature is easily calculated. The 14-
pin plastic package junction-to-ambient thermal resistance
is 83.3
°C/W. At +70°C, the package is rated at 800mW
maximum dissipation. Maximum allowable chip tempera-
ture is +150
°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com