Electronic Components Datasheet Search
  English  ▼

X  

TC4468CPD Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC4468CPD
Description  LOGIC-INPUT CMOS QUAD DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4468CPD Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC4468CPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC4468CPD Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4-265
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
LOGIC-INPUT CMOS
QUAD DRIVERS
TC4467
TC4468
TC4469
Maximum operating temperature:
TJ – θJA (PD) = 141°C,
where: TJ = Maximum allowable junction temperature
(+150
°C)
θJA = Junction-to-ambient thermal resistance
(83.3
°C/W) 14-pin plastic package.
NOTE:
Ambient operating temperature should not exceed +85
°C for
"EJD" device or +125
°C for "MJD" device.
Figure 1. Switching Time Test Circuit
VOUT
1B
1A
2B
2A
3B
3A
4B
4A
1 µF FILM
0.1 µF CERAMIC
VDD
470 pF
90%
10%
10%
10%
tD1
tR
tD2
tF
90%
+5V
INPUT
(A, B)
VDD
OUTPUT
0V
0V
90%
1
2
3
4
5
6
8
9
7
10
11
12
13
14
Input: 100 kHz, square wave,
tRISE = tFALL
≤ 10nsec
Transition power dissipation arises in the
complementary configuration (TC446X) because the
output stage N-channel and P-channel MOS transistors
are ON simultaneously for a very short period when the
output changes. The transition power dissipation is
approximately:
PT = f VS (10
10
–9).
Package power dissipation is the sum of load, quies-
cent and transition power dissipations. An example shows
the relative magnitude for each term:
C = 1000 pF capacitive load
VS = 15V
D = 50%
f
= 200 kHz
PD = Package Power Dissipation = PL + PQ + PT
= 45 mW + 35 mW + 30 mW = 110 mW.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com