Electronic Components Datasheet Search
  English  ▼

X  

TC7650 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC7650
Description  CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7650 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC7650 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3-278
TELCOM SEMICONDUCTOR, INC.
TC7650
CHOPPER-STABILIZED
OPERATIONAL AMPLIFIER
Figure 6.
Input Guard Connection
INPUT
OUTPUT
R2
Inverting Amplifier
INPUT
OUTPUT
Follower
INPUT
OUTPUT
R2
R1
Noninverting Amplifier
R3*
R3*
SHOULD BE LOW
IMPEDANCE FOR
OPTIMUM GUARDING.
NOTE: R
=
3
R1 R2
R1 R2
+
R3*
R1
Other operational amplifiers may use this pin as an offset
or compensation point.
The minor modifications needed to retrofit a TC7650
into existing sockets operating at reduced power supply
voltages make prototyping and circuit verification straight-
forward.
Input Guarding
High impedance, low leakage CMOS inputs allow the
TC7650 to make measurements of high-impedance sources.
Stray leakage paths can increase input currents and de-
crease input resistance unless inputs are guarded. A guard
is a conductive PC trace surrounding the input terminals.
The ring connects to a low-impedance point at the same
potential as the inputs. Stray leakages are absorbed by the
low-impedance ring. The equal potential between ring and
inputs prevents input leakage currents. Typical guard con-
nections are shown in Figure 6.
The 14-pin DIP configuration has been specifically
designed to ease input guarding. The pins adjacent to the
inputs are unused.
In applications requiring low leakage currents, boards
should be cleaned thoroughly and blown dry after soldering.
Protective coatings will prevent future board contamination.
Component Selection
The two required capacitors, CA and CB, have optimum
values, depending on the clock or chopping frequency. For
the preset internal clock, the correct value is 0.1
µF. To
maintain the same relationship between the chopping fre-
quency and the nulling time constant, the capacitor values
should be scaled in proportion to the external clock, if used.
High-quality film-type capacitors (such as Mylar) are pre-
ferred; ceramic or other lower-grade capacitors may be
suitable in some applications. For fast settling on initial turn-
on, low dielectric absorption capacitors (such as polypro-
pylene) should be used. With ceramic capacitors, several
seconds may be required to settle to 1
µV.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com