Electronic Components Datasheet Search
  English  ▼

X  

TC7650 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC7650
Description  CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7650 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC7650 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3-275
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ELECTRICAL CHARACTERISTICS: VDD = +5V, VSS = – 5V, CA = CB = 0.1µF, TA = 25°C, unless otherwise
specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Supply
VDD, VSS
Operating Supply Range
4.5
—
16
V
IS
Supply Current
No Load
—
2
3.5
mA
PSRR
Power Supply
VS = ±3V to ±8V
120
130
dB
Rejection Ratio
NOTES: 1. See "Output Clamp" discussion.
2. Output clamp not connected. See typical characteristics curves for output swing versus clamp current characteristics.
3. Limiting input current to 100
µA is recommended to avoid latch-up problems.
CHOPPER-STABILIZED
OPERATIONAL AMPLIFIER
TC7650
Theory of Operation
Figure 1 shows the major elements of the TC7650.
There are two amplifiers (the main amplifier and the nulling
amplifier), and both have offset-null capability. The main
amplifier is connected full-time from the input to the output.
The nulling amplifier, under the control of the chopping
frequency oscillator and clock circuit, alternately nulls itself
and the main amplifier. Two external capacitors provide the
required storage of the nulling potentials and the necessary
nulling-loop time constants. The nulling arrangement oper-
ates over the full common-mode and power-supply ranges,
and is also independent of the output level, thus giving
exceptionally high CMRR, PSRR, and AVOL.
Careful balancing of the input switches minimizes chop-
per frequency charge injection at the input terminals, and the
feed-forward-type injection into the compensation capacitor
that can cause output spikes in this type of circuit.
The circuit's offset voltage compensation is easily shown.
With the nulling inputs shorted, a voltage almost identical to
the nulling amplifier offset voltage is stored on CA. The
effective offset voltage at the null amplifier input is:
VOSE =
VOSN
(1)
After the nulling amplifier is zeroed, the main amplifier is
zeroed; the A switches open and B switches close.
The output voltage equation is:
VOUT = AM [VOSM +(V+ – V–) + AN(V+– V–) + AN VOSE](2)
(3)
As desired, the device offset voltages are reduced by
the high open-loop gain of the nulling amplifier.
Output Stage/Loading
The output circuit is a high-impedance stage (approxi-
mately 18k
Ω). With loads less than this, the chopper ampli-
fier behaves in some ways like a transconductance amplifier
whose open-loop gain is proportional to load resistance. For
example, the open-loop gain will be 17dB lower with a 1k
Ω
load than with a 10k
Ω load. If the amplifier is used strictly for
DC, the lower gain is of little consequence, since the DC gain
is typically greater than 120dB, even with a 1k
Ω load. In
wideband applications, the best frequency response will be
achieved with a load resistor of 10k
Ω or higher. This results
in a smooth 6 dB/octave response from 0.1Hz to 2 MHz, with
phase shifts of less than 10
° in the transition region, where
the main amplifier takes over from the null amplifier. The
clock frequency sets the transition region.
Intermodulation
Previous chopper-stabilized amplifiers have suffered
from intermodulation effects between the chopper frequency
and input signals. These arise because the finite AC gain of
the amplifier results in a small AC signal at the input. This is
seen by the zeroing circuit as an error signal, which is
chopped and fed back, thus injecting sum and difference
frequencies, and causing disturbances to the gain and
phase versus frequency characteristics near the chopping
frequency. These effects are substantially reduced in the
TC7650 by feeding the nulling circuit with a dynamic current
corresponding to the compensation capacitor current in
such a way as to cancel that portion of the input signal due
to a finite AC gain. The intermodulation and gain/phase
disturbances are held to very low values, and can generally
be ignored.
1
AN + 1
Substituting (1)
→ (2) and assuming AN >>1:
VOUT = AM AN (V+ – V–) +
]
[
VOSM + VOSN
AN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com