Electronic Components Datasheet Search
  English  ▼

X  

TC7650 Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC7650
Description  CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7650 Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TC7650 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7650 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3-279
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
CHOPPER-STABILIZED
OPERATIONAL AMPLIFIER
TC7650
TYPICAL CHARACTERISTICS
4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
OUTPUT VOLTAGE (V)
Positive Clamp Current
vs. Output Voltage
1 mA
0.1 mA
0.01 mA
1 A
µ
0.1 A
0.01 A
µ
1 nA
1 pA
0.01 nA
0.1 nA
µ
–4.0 –4.1 –4.2 –4.3 –4.4 –4.5 –4.6 –4.7 –4.8 –4.9 –5.0
OUTPUT VOLTAGE (V)
Negative Clamp Current
vs. Output Voltage
3.0
2.6
2.2
1.8
10
1.4
Supply Current vs.
Supply Voltage
Gain/Phase vs. Frequency
30
20
10
0
–10
–20
–30
–40
–50
–60
225
180
135
90
45
0
–45
–90
–135
–180
1 mA
0.1 mA
0.01 mA
1 A
µ
0.1 A
0.01 A
µ
1 nA
1 pA
0.01 nA
0.1 nA
µ
CLOSED-LOOP
GAIN = 20
PHASE
GAIN
TA = +25°C
VS = ±5V
TA = +25°C
VS = ±5V
TA = +25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com