Electronic Components Datasheet Search
  English  ▼

X  

LT3012 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3012
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012 Datasheet(HTML) 1 Page - Linear Technology

  LT3012 Datasheet HTML 1Page - Linear Technology LT3012 Datasheet HTML 2Page - Linear Technology LT3012 Datasheet HTML 3Page - Linear Technology LT3012 Datasheet HTML 4Page - Linear Technology LT3012 Datasheet HTML 5Page - Linear Technology LT3012 Datasheet HTML 6Page - Linear Technology LT3012 Datasheet HTML 7Page - Linear Technology LT3012 Datasheet HTML 8Page - Linear Technology LT3012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3012
1
3012fd
FEATURES
APPLICATIONS
DESCRIPTION
250mA, 4V to 80V
Low Dropout
Micropower Linear Regulator
The LT®3012 is a high voltage, micropower low dropout
linear regulator. The device is capable of supplying 250mA of
output current with a dropout voltage of 400mV. Designed
for use in battery-powered or high voltage systems, the low
quiescent current (40μA operating and 1μA in shutdown)
makes the LT3012 an ideal choice. Quiescent current is
also well controlled in dropout.
Other features of the LT3012 include the ability to operate
with very small output capacitors. The regulator is stable
with only 3.3μF on the output while most older devices
require between 10μF and 100μF for stability. Small ce-
ramic capacitors can be used without any need for series
resistance (ESR) as is common with other regulators.
Internal protection circuitry includes reverse-battery
protection, current limiting, thermal limiting and reverse
current protection.
The device is available with an adjustable output with a
1.24V reference voltage. The LT3012 regulator is available
in the 16-lead TSSOP and 12 pin low profile (0.75mm)
(4mm × 3mm) DFN packages with an exposed pad for
enhanced thermal handling capability.
Dropout Voltage
n Wide Input Voltage Range: 4V to 80V
n Low Quiescent Current: 40μA
n Low Dropout Voltage: 400mV
n Output Current: 250mA
n No Protection Diodes Needed
n Adjustable Output from 1.24V to 60V
n 1μA Quiescent Current in Shutdown
n Stable with 3.3μF Output Capacitor
n Stable with Aluminum, Tantalum or Ceramic
Capacitors
n Reverse-Battery Protection
n No Reverse Current Flow from Output to Input
n Thermal Limiting
n Thermally Enhanced 16-Lead TSSOP and
12-Pin (4mm × 3mm) DFN Packages
n Low Current High Voltage Regulators
n Regulator for Battery-Powered Systems
n Telecom Applications
n Automotive Applications
5V Supply with Shutdown
TYPICAL APPLICATION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1μF
VIN
5.4V TO
80V
3012 TA01
VOUT
5V
250mA
VSHDN
<0.3V
>2.0V
OUTPUT
OFF
ON
3.3μF
750k
249k
IN
LT3012
SHDN
OUT
ADJ
GND
OUTPUT CURRENT (mA)
0
250
300
400
350
200
3012 TA02
200
150
50
100
150
250
100
50
0


Similar Part No. - LT3012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012 LINER-LT3012 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT3012 LINER-LT3012 Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
More results

Similar Description - LT3012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
250mA, 4V to 80V Low Dropout Micropower
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com