Electronic Components Datasheet Search
  English  ▼

X  

LT3012 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3012
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012 Datasheet(HTML) 5 Page - Linear Technology

  LT3012 Datasheet HTML 1Page - Linear Technology LT3012 Datasheet HTML 2Page - Linear Technology LT3012 Datasheet HTML 3Page - Linear Technology LT3012 Datasheet HTML 4Page - Linear Technology LT3012 Datasheet HTML 5Page - Linear Technology LT3012 Datasheet HTML 6Page - Linear Technology LT3012 Datasheet HTML 7Page - Linear Technology LT3012 Datasheet HTML 8Page - Linear Technology LT3012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3012
5
3012fd
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
Quiescent Current
ADJ Pin Voltage
Quiescent Current
Quiescent Current
GND Pin Current
GND Pin Current
OUTPUT CURRENT (mA)
0
300
400
600
500
3012 G01
200
100
0
100
50
200
150
250
TJ = 125°C
TJ = 25°C
OUTPUT CURRENT (mA)
0
200
400
600
100
300
500
100
200
3012 G02
250
50
0
150
= TEST POINTS
TJ ≤ 125°C
TJ ≤ 25°C
TEMPERATURE (°C)
–50
0
200
600
500
0
50
75
3012 G03
100
400
300
–25
25
100
150
125
IL = 50mA
IL = 10mA
IL = 250mA
IL = 100mA
IL = 1mA
0
40
100
20
80
60
10
50
30
90
70
–50
0
50
75
–25
25
100
150
125
TEMPERATURE (°C)
3012 G04
VSHDN = VIN
VSHDN = GND
VIN = 6V
RL = ∞
IL = 0
TEMPERATURE (°C)
1.255
3012 G05
1.240
1.230
1.225
1.220
1.260
1.250
1.245
1.235
IL = 1mA
–50
0
50
75
–25
25
100
150
125
INPUT VOLTAGE (V)
0
40
60
80
8
3012 G06
20
10
30
50
70
0
2
1
4
3
67
9
5
10
TJ = 25°C
RL = ∞
VOUT = 1.24V
VSHDN = VIN
VSHDN = GND
INPUT VOLTAGE (V)
0
150
200
250
80
3012 G07
100
50
125
175
225
75
25
0
20
10
40
30
60
70
50
TJ = 25°C
RL =
∞
VOUT = 1.24V
VSHDN = VIN
VSHDN = GND
INPUT VOLTAGE (V)
0
1.2
8
3012 G08
0.8
0.4
1.0
0.6
0.2
0
2
1
4
3
67
9
5
10
TJ = 25°C
*FOR VOUT = 1.24V
RL = 49.6Ω
IL = 25mA*
RL = 124Ω
IL = 10mA*
RL = 1.24k
IL = 1mA*
INPUT VOLTAGE (V)
0
6
8
10
8
3012 G09
4
2
5
7
9
3
1
0
2
1
4
3
67
9
5
10
TJ = 25°C, *FOR VOUT = 1.24V
RL = 4.96Ω
IL = 250mA*
RL = 12.4Ω
IL = 100mA*
RL = 24.8Ω, IL = 50mA*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com