Electronic Components Datasheet Search
  English  ▼

X  

LT3012 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3012
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3012 Datasheet HTML 8Page - Linear Technology LT3012 Datasheet HTML 9Page - Linear Technology LT3012 Datasheet HTML 10Page - Linear Technology LT3012 Datasheet HTML 11Page - Linear Technology LT3012 Datasheet HTML 12Page - Linear Technology LT3012 Datasheet HTML 13Page - Linear Technology LT3012 Datasheet HTML 14Page - Linear Technology LT3012 Datasheet HTML 15Page - Linear Technology LT3012 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3012
16
3012fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT 0508 REV D • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1020
125mA, Micropower Regulator and Comparator
VIN: 4.5V to 36V, VOUT(MIN) = 2.5V, VDO = 0.4V, IQ = 40μA, ISD = 40μA, Comparator
and Reference, Class B Outputs, S16, PDIP14 Packages
LT1120/LT1120A
125mA, Micropower Regulator and Comparator
VIN: 4.5V to 36V, VOUT(MIN) = 2.5V, VDO = 0.4V, IQ = 40μA, ISD = 10μA,
Comparator and Reference, Logic Shutdown, Ref Sources and Sinks 2/4mA,
S8, N8 Packages
LT1121/LT1121HV
150mA, Micropower, LDO
VIN: 4.2V to 30/36V, VOUT(MIN) = 3.75V, VDO = 0.42V, IQ = 30μA, ISD = 16μA,
Reverse Battery Protection, SOT-223, S8, Z Packages
LT1129
700mA, Micropower, LDO
VIN: 4.2V to 30V, VOUT(MIN) = 3.75V, VDO = 0.4V, IQ = 50μA, ISD = 16μA,
DD, S0T-223, S8,TO220-5, TSSOP20 Packages
LT1676
60V, 440mA (IOUT), 100kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 7.4V to 60V, VOUT(MIN) = 1.24V, IQ = 3.2mA, ISD = 2.5μA, S8 Package
LT1761
100mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 20μA, ISD = <1μA,
Low Noise < 20μVRMS, Stable with 1μF Ceramic Capacitors, ThinSOT™ Package
LT1762
150mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 25μA, ISD = <1μA,
Low Noise < 20μVRMS, MS8 Package
LT1763
500mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 30μA, ISD = <1μA,
Low Noise < 20μVRMS, S8 Package
LT1764/LT1764A
3A, Low Noise, Fast Transient Response, LDO
VIN: 2.7V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD = <1μA,
Low Noise < 40μVRMS, “A” Version Stable with Ceramic Capacitors,
DD, TO220-5 Packages
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD = 25μA, TSSOP16/E Package
LT1776
40V, 550mA (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 7.4V to 40V, VOUT(MIN) = 1.24V, IQ = 3.2mA, ISD = 30μA, N8, S8 Packages
LT1934/LT1934-1
300mA/60mA, (IOUT), Constant Off-Time, High
Efficiency Step-Down DC/DC Converter
90% Efficiency, VIN: 3.2V to 34V, VOUT(MIN) = 1.25V, IQ = 14μA, ISD = <1μA,
ThinSOT Package
LT1956
60V, 1.2A (IOUT), 500kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD = 25μA, TSSOP16/E Package
LT1962
300mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.27V, IQ = 30μA, ISD = <1μA,
Low Noise < 20μVRMS, MS8 Package
LT1963/LT1963A
1.5A, Low Noise, Fast Transient Response, LDO
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD = <1μA,
Low Noise < 40μVRMS, “A” Version Stable with Ceramic Capacitors,
DD, TO220-5, S0T-223, S8 Packages
LT1964
200mA, Low Noise Micropower, Negative LDO
VIN: –1.9V to –20V, VOUT(MIN) = –1.21V, VDO = 0.34V, IQ = 30μA, ISD = 3μA,
Low Noise < 30μVRMS, Stable with Ceramic Capacitors, ThinSOT Package
LT3010/LT3010H
50mA, 3V to 80V, Low Noise Micropower LDO
VIN: 3V to 8V, VOUT(MIN) = 1.275V, VDO = 0.3V, IQ = 30μA, ISD = 1μA,
Low Noise < 100μVRMS, MS8E Package, H Grade = +140°C TJMAX.
LT3013/LT3013H
250mA, 4V to 80V, Low Dropout Micropower
Linear Regulator with PWRGD
VIN: 4V to 80V, VOUT: 1.24V to 60V, VDO = 0.4V, IQ = 65μA, ISD = <1μA,
Power Good Feature; TSSOP-16E and 4mm × 3mm DFN-12 Packages,
H Grade = +140°C TJMAX.
LT3014/HV
20mA, 3V to 80V, Low Dropout Micropower
Linear Regulator
VIN: 3V to 80V (100V for 2ms, HV version), VOUT: 1.22V to 60V, VDO = 0.35V,
IQ = 7μA, ISD = <1μA, ThinSOT and 3mm × 3mm DFN-8 Packages.
ThinSOT is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com