Electronic Components Datasheet Search
  English  ▼

X  

4N32 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 4N32
Description  Optocoupler with Photodarlington Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N32 Datasheet(HTML) 1 Page - Vishay Siliconix

  4N32 Datasheet HTML 1Page - Vishay Siliconix 4N32 Datasheet HTML 2Page - Vishay Siliconix 4N32 Datasheet HTML 3Page - Vishay Siliconix 4N32 Datasheet HTML 4Page - Vishay Siliconix 4N32 Datasheet HTML 5Page - Vishay Siliconix 4N32 Datasheet HTML 6Page - Vishay Siliconix 4N32 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4N32/ 4N33
Document Number 83736
Rev. 1.4, 26-Jan-05
Vishay Semiconductors
www.vishay.com
1
i179005
1
2
3
6
5
4
B
C
E
A
C
NC
Pb
Pb-free
e3
Optocoupler, Photodarlington Output, High Gain, With Base
Connection
Features
• Very high current transfer ratio, 500 % Min.
• High isolation resistance, 1011
Ω Typical
• Standard plastic DIP package
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
• BSI IEC60950 IEC60065
Description
The 4N32 and 4N33 are optically coupled isolators
with a gallium arsenide infrared LED and a solicon
photodarlington sensor.
Switching can be achieved while maintaining a high
degree of isolation between driving and load circuits.
These optocouplers can be used to replace reed and
mercury relays with advantages of long life, high
speed switching and elimination of magnetic fields.
Order Information
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
4N32
CTR > 500 %, DIP-6
4N33
CTR > 500 %, DIP-6
4N32-X007
CTR > 500 %, SMD-6 (option 7)
4N32-X009
CTR > 500 %, SMD-6 (option 9)
4N33-X007
CTR > 500 %, SMD-6 (option 7)
4N33-X009
CTR > 500 %, SMD-6 (option 9)
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage
VR
3.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly
from 55 °C
1.33
mW/°C


Similar Part No. - 4N32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N32 MOTOROLA-4N32 Datasheet
287Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
QT Optoelectronics
4N32 QT-4N32 Datasheet
136Kb / 6P
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Siemens Semiconductor G...
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Toshiba Semiconductor
4N32 TOSHIBA-4N32 Datasheet
301Kb / 6P
TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
01-Jun-2001
logo
Fairchild Semiconductor
4N32 FAIRCHILD-4N32 Datasheet
222Kb / 13P
General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - 4N32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K815P VISHAY-K815P Datasheet
172Kb / 9P
Optocoupler with Photodarlington Output
29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
Optocoupler with Photodarlington Output
11-Jan-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
Optocoupler with Photodarlington Output
19-Mar-01
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
Optocoupler with Photodarlington Output
15-Dec-00
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com