Electronic Components Datasheet Search
  English  ▼

X  

4N32 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 4N32
Description  Optocoupler with Photodarlington Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N32 Datasheet(HTML) 4 Page - Vishay Siliconix

  4N32 Datasheet HTML 1Page - Vishay Siliconix 4N32 Datasheet HTML 2Page - Vishay Siliconix 4N32 Datasheet HTML 3Page - Vishay Siliconix 4N32 Datasheet HTML 4Page - Vishay Siliconix 4N32 Datasheet HTML 5Page - Vishay Siliconix 4N32 Datasheet HTML 6Page - Vishay Siliconix 4N32 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83736
Rev. 1.4, 26-Jan-05
4N32/ 4N33
Vishay Semiconductors
Figure 3. Normalized Collector-Base Photocurrent vs. LED
Current
Figure 4. Non-Saturated and Saturated HFE vs. Base Current
Figure 5. Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
i4n32-33_04
.1
1
1 0
100
.001
.01
.1
1
10
IF - LED Current - mA
Ta = 25°C
Vcb = 3.5 V
IF = 10 mA
Normalized to:
i4n32-33_05
.01
.1
1
10
100
0
2000
4000
6000
8000
10000
Vce = 5 V
Vce = 1 V
Ib - Base Current -
µA
Ta=25°C
i4n32-33_06
0
5
10
15
20
0
20
40
60
80
Ta = 25°C, Vcc = 5V
Vth = 1.5 V
220
Ω
ıˇ
470
Ω
IF - LED Current - mA
100
Ω
1.0 k
Ω
Figure 6. High to low Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 7. Switching Waveform and Switching Schematic
i4n32-33_07
0
5
10
15
20
0
5
10
15
20
100
Ω
1k
Ω
IF - LED Current - mA
Ta=25°C
Vcc = 5 V
Vth = 1.5 V
i4n32-33_08
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
VO
RL
VCC
IF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com