Electronic Components Datasheet Search
  English  ▼

X  

4N32 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 4N32
Description  Optocoupler with Photodarlington Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N32 Datasheet(HTML) 2 Page - Vishay Siliconix

  4N32 Datasheet HTML 1Page - Vishay Siliconix 4N32 Datasheet HTML 2Page - Vishay Siliconix 4N32 Datasheet HTML 3Page - Vishay Siliconix 4N32 Datasheet HTML 4Page - Vishay Siliconix 4N32 Datasheet HTML 5Page - Vishay Siliconix 4N32 Datasheet HTML 6Page - Vishay Siliconix 4N32 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83736
Rev. 1.4, 26-Jan-05
4N32/ 4N33
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter breakdown voltage
BVCEO
30
V
Emitter-base breakdown voltage
BVEBO
8.0
V
Collector-base breakdown voltage
BVCBO
50
V
Emitter-collector breakdown voltage
BVECO
5.0
V
Collector (load) current
IC
125
mA
Power dissipation
Pdiss
150
mW
Derate linearly
2.0
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Total dissipation
Ptot
250
mW
Derate linearly
3.3
mW/°
Isolation test voltage (between
emitter and detector, Standard
Climate: 23 °C/ 50 %RH, \\nDIN
500 14)
VISO
5300
VRMS
Leakage Path
7.0
mm min.
Air Path
7.0
mm min.
Isolation Resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storange temperature
Tamb
- 55 to + 150
°C
Operating temperature
Tstg
- 55 to + 100
°C
Lead soldering time
at 260 °C
10
s
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.5
V
Reverse current
VR = 3.0 V
IR
0.1
100
µ
Capacitance
VR = 0 V
CO
25
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com